Electronic Components Datasheet Search
  English  ▼

X  

GP02-18 Datasheet(PDF) 2 Page - Olitech Electronics Co.Ltd

Part # GP02-18
Description  High Voltage 1.5A Sintered Glass Passivated Rectifie
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OLITECH [Olitech Electronics Co.Ltd]
Direct Link  http://olitech-elec.com/En_index.asp
Logo OLITECH - Olitech Electronics Co.Ltd

GP02-18 Datasheet(HTML) 2 Page - Olitech Electronics Co.Ltd

  GP02-18 Datasheet HTML 1Page - Olitech Electronics Co.Ltd GP02-18 Datasheet HTML 2Page - Olitech Electronics Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
5.0
10
15
20
25
30
1
10
100
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
0.01
0
20
0.10
1.0
10
TJ = 25
o
C
TJ = 25
o
C
TJ = 125
o
C
40
60
80
100
110
FIG. 3 - TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
RATINGS AND CHARACTERISTIC CURVES
0.01
0.10
1.00
10.0
1.0
0
2.0
3.0
4.0
5.0
TJ = 25
o
C
PULSE WIDTH=300uS
1% DUTY CYCLE
FIG.5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
.1
.2
.4
1.0
2
4
10
20
40
100
6.0
5.0
4.0
3.0
2.0
1.0
0
FIG.1 - FORWARD CURRENT DERATING CURVE
1.50
1.25
1.00
0.75
0.50
0.25
0
0
25
50
75
100
125
150
175
AMBIENT TEMPERATURE,
o
C
0.375" (9.5mm) LEAD LENGTH
Email: info@olitech-elec.com
Website: www.olitech-elec.com
Page:P2-P2
OLITECH ELECTRONICS CO. LTD.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com