Electronic Components Datasheet Search
  English  ▼

X  

ADC16071CIWM Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC16071CIWM
Description  16-Bit Delta-Sigma 192 ks/s Analog-to-Digital Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC16071CIWM Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button ADC16071CIWM Datasheet HTML 2Page - National Semiconductor (TI) ADC16071CIWM Datasheet HTML 3Page - National Semiconductor (TI) ADC16071CIWM Datasheet HTML 4Page - National Semiconductor (TI) ADC16071CIWM Datasheet HTML 5Page - National Semiconductor (TI) ADC16071CIWM Datasheet HTML 6Page - National Semiconductor (TI) ADC16071CIWM Datasheet HTML 7Page - National Semiconductor (TI) ADC16071CIWM Datasheet HTML 8Page - National Semiconductor (TI) ADC16071CIWM Datasheet HTML 9Page - National Semiconductor (TI) ADC16071CIWM Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AC Electrical Characteristics for Frame Sync Out (FSO) Serial Clock Out
(SCO) and Serial Data Out (SDO)
The following specifications apply for VAa e VDa e VMa e 5V unless otherwise specified Boldface limits apply for TA
e
TJ e TMIN to TMAX all other limits TA e TJ e 25 C
Symbol
Parameter
Conditions
Typical
Limits
Units
(Note 6)
(Note 7)
(Limit)
tSCOFSOH
Delay from Serial Clock Out to
2
5
ns (max)
Frame Sync Output High
tSCOFSOL
Delay from Serial Clock Out to
2
5
ns (max)
Frame Sync Output Low
tSDOV
Delay from Serial Clock Out to
3
8
ns (max)
Serial Data Output Valid
tFSIFSOL
Delay from Frame Sync Input to
8
tCLK (max)
Frame Sync Output Low
AC Electrical Characteristics for Data Output Enable (DOE)
The following specifications apply for VAa e VDa e VMa e 5V unless otherwise specified Boldface limits apply for TA
e
TJ e TMIN to TMAX all other limits TA e TJ e 25 C
Symbol
Parameter
Conditions
Typical
Limits
Units
(Note 6)
(Note 7)
(Limit)
tDOEE
Data Output Enable Delay Time
20
25
ns (max)
tDOED
Data Output Disable Delay Time
16
20
ns (max)
Note 1
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur Operating Ratings indicate conditions for which the device is
functional but do not guarantee specific performance limits For guaranteed specifications and test conditions see the Electrical Characteristics The guaranteed
specifications apply for the test conditions listed Some performance characteristics may degrade when the device is not operated under the listed test conditions
Note 2
All voltages are measured with respect to GND unless otherwise specified
Note 3
When the input voltage (VIN) at any pin exceeds the power supply rails (VIN k GND or VIN l (VAa VMa orVDa)) the current at that pin should be limited
to 25 mA The 100 mA maximum package input current rating allows the voltage at any four pins with an input current of 25 mA each to simultaneously exceed the
power supply voltages
Note 4
The maximum power dissipation is a function of the maximum junction temperature (TJ(MAX)) total thermal resistance (iJA) and ambient temperature (TA)
The maximum allowable power dissipation at any ambient temperature is PD(max) e (TJ(max) b TA) iJA When board mounted the ADC16071ADC16471’s
typical thermal resistance is
Order Number
iJA
ADC16071CIN ADC16471CIN
47 CW
ADC16071CIWM ADC16471CIWM
72 CW
Note 5
Human body model 100 pF discharge through a 15 kX resistor The machine model is a 200 pF capacitor discharged directly into each pin
Note 6
Typicals are at TA e 25 C and represent most likely parametric norm
Note 7
Limits are guaranteed to National’s AOQL (Average Output Quality Level)
Note 8
The VINa pin is shorted to the VINb pin
Note 9
The input impedance between VINa and VINb due to the effective resistance of the switch capacitor input varies as follows
ZIN e
1012
235 (
fCLK
2
)
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com