Electronic Components Datasheet Search
  English  ▼

X  

CD40106BM Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # CD40106BM
Description  Hex Schmitt Trigger
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD40106BM Datasheet(HTML) 2 Page - National Semiconductor (TI)

  CD40106BM Datasheet HTML 1Page - National Semiconductor (TI) CD40106BM Datasheet HTML 2Page - National Semiconductor (TI) CD40106BM Datasheet HTML 3Page - National Semiconductor (TI) CD40106BM Datasheet HTML 4Page - National Semiconductor (TI) CD40106BM Datasheet HTML 5Page - National Semiconductor (TI) CD40106BM Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings (Notes12)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
DC Supply Voltage (VDD)
b
05 to a18 VDC
Input Voltage (VIN)
b
05 to VDD a05 VDC
Storage Temperature Range (TS)
b
65 Cto a150 C
Power Dissipation (PD)
Dual-In-Line
700 mW
Small Outline
500 mW
Lead Temperature (TL)
(Soldering 10 seconds)
260 C
Recommended Operating
Conditions (Note 2)
DC Supply Voltage (VDD)
3 to 15 VDC
Input Voltage (VIN)
0 to VDD VDC
Operating Temperature Range (TA)
CD40106BM
b
55 Cto a125 C
CD40106BC
b
40 Cto a85 C
DC Electrical Characteristics CD40106BM (Note 2)
Symbol
Parameter
Conditions
b
55 C
a
25 C
a
125 C
Units
Min
Max
Min
Typ
Max
Min
Max
IDD
Quiescent Device
VDD e 5V
10
10
30
m
A
Current
VIN e VDD or VSS
VDD e 10V
20
20
60
m
A
VIN e VDD or VSS
VDD e 15V
40
40
120
m
A
VIN e VDD or VSS
VOL
Low Level Output
lIOl k 1 mA
Voltage
VDD e 5V
005
005
005
V
VDD e 10V
005
005
005
V
VDD e 15V
005
005
005
V
VOH
High Level Output
lIOl k 1 mA
Voltage
VDD e 5V
495
495
5
495
V
VDD e 10V
995
995
10
095
V
VDD e 15V
1495
1495
15
1495
V
VTb
Negative-Going Threshold
VDDe5V VOe 45V
07
20
07
14
20
07
20
V
Voltage
VDDe10V VOe 9V
14
40
14
32
40
14
40
V
VDDe15V VOe 135V
21
60
21
50
60
21
60
V
VTa
Positive-Going Threshold
VDDe5V VOe 05V
30
43
30
36
43
30
43
V
Voltage
VDDe10V VOe 1V
60
86
60
68
86
60
86
V
VDDe15V VOe 15V
90
129
90
100
129
90
129
V
VH
Hysteresis (VTa b VTb)VDD e 5V
10
36
10
22
36
10
36
V
VDD e 10V
20
72
20
36
72
20
72
V
VDD e 15V
30
108
30
50
108
30
108
V
IOL
Low Level Output
VDDe5V VOe04V
064
051
088
036
mA
Current (Note 3)
VDDe10V VOe05V
16
13
225
09
mA
VDDe15V VOe15V
42
34
88
24
mA
IOH
High Level Output
VDDe5V VOe46V
b
064
b
051
b
088
b
036
mA
Current (Note 3)
VDDe10V VOe95V
b
16
b
13
b
225
b
09
mA
VDDe15V VOe135V
b
42
b
34
b
88
b
24
mA
IIN
Input Current
VDDe15V VINe0V
b
010
b
10b5
b
010
b
10
m
A
VDDe15V VINe15V
010
10b5
010
10
m
A
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed They are not meant to imply that the devices
should be operated at these limits The table of ‘‘Recommended Operating Conditions’’ and ‘‘Electrical Characteristics’’ provides conditions for actual device
operation
Note 2
VSS e 0V unless otherwise specified
Note 3
IOH and IOL are tested one output at a time
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com