Electronic Components Datasheet Search
  English  ▼

X  

LL101A Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # LL101A
Description  Surface Mount Si-Schottky Barrier Diodes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

LL101A Datasheet(HTML) 1 Page - Diotec Semiconductor

  LL101A Datasheet HTML 1Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1) Valid provided that terminals are kept at ambient temperature
Gültig wenn Anschlüsse auf Umgebungstemperatur gehalten werden
166
01.10.2002
LL 101A ... LL 101C
Silizium-Schottky-Dioden
Surface Mount Si-Schottky Barrier Diodes
für die Oberflächenmontage
Nominal current
15 mA
Nennstrom
Repetitive peak reverse voltage
40…60 V
Periodische Spitzensperrspannung
Glass case MiniMELF
SOD 80
Glasgehäuse MiniMELF
DO-213AA
Weight approx. – Gewicht ca.
0.05 g
Dimensions / Maße in mm
Standard packaging taped and reeled
see page 18
Standard Lieferform gegurtet auf Rolle
siehe Seite 18
Maximum ratings and Characteristics
Grenz- und Kennwerte
Type
Typ
Repetitive peak reverse voltage
Period. Spitzensperrspannung
V
RRM [V]
Forward voltage
Durchlaßspannung
V
F [V] / IF = 1 mA
V
F [V] / IF = 15 mA
LL 101C
40
< 0.39
< 0.9
LL 101B
50
< 0.4
< 0.95
LL 101A
60
< 0.41
< 1
Power dissipation – Verlustleistung
T
A = 25 /CPtot
400 mW1)
Peak forward surge current, 10 :s squarewave
T
A = 25/CIFSM
2 A
Stoßstrom für einen 10 :s Rechteckimpuls
Leakage current, T
j = 25/C
LL101C
V
R = 30 V
I
R
< 200 nA
Sperrstrom
LL101B
V
R = 40 V
I
R
< 200 nA
LL101A
V
R = 50 V
I
R
< 200 nA
Junction capacitance
V
R = 0 V
f = 1 MHz
C
tot
< 2.2 pF
Sperrschichtkapazität
Reverse recovery time
I
F = 5 mA through/über
t
rr
typ. 1 ns
Sperrverzug
I
R = 5 A to/auf IR = 0.5 mA
Junction temperature – Sperrschichttemperatur
T
j
+200
/C
Storage temperature – Lagerungstemperatur
T
S
- 55...+200
/C
Thermal resistance junction to ambient air
R
thA
< 300 K/W 1)
Wärmewiderstand Sperrschicht – umgebende Luft
1.45


Similar Part No. - LL101A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
LL101A SEMTECH-LL101A Datasheet
170Kb / 3P
Silicon Schottky Barrier Diode for general purpose applications
logo
General Semiconductor
LL101A GE-LL101A Datasheet
107Kb / 3P
Schottky Diodes
logo
Vishay Siliconix
LL101A VISHAY-LL101A Datasheet
98Kb / 5P
Small Signal Schottky Barrier Diodes
03-Mar-06
logo
EIC discrete Semiconduc...
LL101A EIC-LL101A Datasheet
35Kb / 2P
SCHOTTKY BARRIER DIODES
logo
Diotec Semiconductor
LL101A DIOTEC-LL101A Datasheet
52Kb / 1P
Surface Mount Si-Schottky Diodes
More results

Similar Description - LL101A

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
LL103A DIOTEC-LL103A Datasheet
96Kb / 1P
Surface Mount Si-Schottky Barrier Diodes
LL103A DIOTEC-LL103A_07 Datasheet
52Kb / 1P
Surface Mount Si-Schottky Diodes Si-Schottky-Dioden fur die Oberflahenmontage
LL101A DIOTEC-LL101A_07 Datasheet
52Kb / 1P
Surface Mount Si-Schottky Diodes
SD103A DIOTEC-SD103A Datasheet
57Kb / 2P
Si-Schottky-Barrier Diodes
SD101A DIOTEC-SD101A Datasheet
45Kb / 1P
Si-Schottky-Barrier Diodes
LL101B DIOTEC-LL101B_10 Datasheet
87Kb / 1P
Surface Mount Si-Schottky Diodes
SD101AW DIOTEC-SD101AW Datasheet
101Kb / 2P
Surface Mount Si-Schottky Diodes
SD103AW DIOTEC-SD103AW Datasheet
102Kb / 2P
Surface Mount Si-Schottky Diodes
LL101B DIOTEC-LL101B_13 Datasheet
134Kb / 1P
Surface Mount Si-Schottky Diodes
LL103A DIOTEC-LL103A_13 Datasheet
136Kb / 1P
Surface Mount Si-Schottky Diodes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com