Electronic Components Datasheet Search
  English  ▼

X  

MYS80 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # MYS80
Description  Surface Mount Si-Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

MYS80 Datasheet(HTML) 2 Page - Diotec Semiconductor

  MYS80 Datasheet HTML 1Page - Diotec Semiconductor MYS80 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1) Valid for one branch – Gültig für einen Brückenzweig
2) Mounted on P.C. board with 25 mm2 copper pads at each terminal
Montage auf Leiterplatte mit 25 mm2 Kupferbelag (Lötpad) an jedem Anschluß
2
F:\Data\WP\DatBlatt\Einzelblätter\mys40-250.wpd
MYS 40 ... MYS 250
Characteristics
Kennwerte
Max. average forward rectified current
T
A = 50
/CR-load
I
FAV
0.5 A 2)
Dauergrenzstrom
C-load
I
FAV
0.4 A 2)
Forward voltage – Durchlaßspannung
T
j = 25
/CI
F = 0.5 A
V
F
< 1.2 V 1)
Leakage current – Sperrstrom
T
j = 25
/CV
R = VRRM
I
R
< 10
:A
Thermal resistance junction to ambient air
R
thA
< 70 K/W 2)
Wärmewiderstand Sperrschicht – umgebende Luft
Type
Typ
Max. admissible load capacitor
Max. zulässiger Ladekondensator
C
L [
:F]
Min. required protective resistor
Min. erforderl. Schutzwiderstand
R
t [
S]
MYS 40
5000
0.8
MYS 80
2500
1.6
MYS 125
1500
2.5
MYS 250
800
5.0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com