Electronic Components Datasheet Search
  English  ▼

X  

KSC13003H Datasheet(PDF) 2 Page - SemiHow Co.,Ltd.

Part # KSC13003H
Description  NPN Silicon Power Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

KSC13003H Datasheet(HTML) 2 Page - SemiHow Co.,Ltd.

  KSC13003H Datasheet HTML 1Page - SemiHow Co.,Ltd. KSC13003H Datasheet HTML 2Page - SemiHow Co.,Ltd. KSC13003H Datasheet HTML 3Page - SemiHow Co.,Ltd. KSC13003H Datasheet HTML 4Page - SemiHow Co.,Ltd. KSC13003H Datasheet HTML 5Page - SemiHow Co.,Ltd. KSC13003H Datasheet HTML 6Page - SemiHow Co.,Ltd. KSC13003H Datasheet HTML 7Page - SemiHow Co.,Ltd. KSC13003H Datasheet HTML 8Page - SemiHow Co.,Ltd. KSC13003H Datasheet HTML 9Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
KSB13003H
KSC13003H / KSU13003H
NPN Silicon Power Transistor, VCBO= 900V, VCEO= 530V, IC= 1.5A
CHARACTERISTICS
SYMBOL
RATING
UNIT
TO-92
TO-126
TO-251
Collector-Base Voltage
V
CBO
900
V
Collector-Emitter Voltage
V
CEO
530
V
Emitter-Base Voltage
V
EBO
9V
Collector Current(DC)
I
C
1.5
A
Collector Current(Pulse)
I
CP
3A
Base Current
I
B
0.75
A
Collector Dissipation(Tc=25
)
P
C
1.1
20
25
W
Junction Temperature
T
J
150
Storage Temperature
T
STG
-65~150
Absolute Maximum Ratings TC=25 unless otherwise noted
Electrical Characteristics TC=25 unless otherwise noted
* Pulse Test: Pulse Width
CHARACTERISTICS
SYMBOL
Test Condition
Min
Typ.
Max
Unit
Collector-Base Breakdown Voltage
V
CBO
I
C=500 A, IE=0
900
V
Collector-Emitter Breakdown Voltage
V
CEO
I
C=10mA, IB=0
530
V
Emitter Cut-off Current
I
EBO
V
EB=9V,IC=0
1
*DC Current Gain
h
FE1
h
FE2
h
FE3
V
CE=10V,IC=1mA
V
CE=10V,IC=0.4A
V
CE=10V,IC=1A
15
20
6
40
*Collector-Emitter Saturation Voltage
V
CE(sat)
I
C=1.0A,IB=0.25A
1.0
V
*Base-Emitter Saturation Voltage
V
BE(sat)
I
C=1.0A,IB=0.25A
1.5
V
Output Capacitance
C
ob
V
CB=10V, f=0.1MHz
21
Current Gain Bandwidth Product
f
T
V
CE=10V,IC=0.1A
4
Turn on Time
t
on
Vcc=125V, Ic=2A
I
B1=0.2A, IB2= -0.2A
R
L=125
1.1
Storage Time
t
stg
4.0
Fall Time
t
F
0.7



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com