Electronic Components Datasheet Search
  English  ▼

X  

PI3USB223 Datasheet(PDF) 8 Page - Pericom Semiconductor Corporation

Part # PI3USB223
Description  USB 2.0 High-Speed and Audio Switches with Negative Signal Capability
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3USB223 Datasheet(HTML) 8 Page - Pericom Semiconductor Corporation

Back Button PI3USB223 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3USB223 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3USB223 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3USB223 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3USB223 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3USB223 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3USB223 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3USB223 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI3USB223 Datasheet HTML 10Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
PI3USB223
USB 2.0 High-Speed and Audio Switches
with Negative Signal Capability
www.pericom.com
10/27/15
All trademarks are property of their respective owners.
Figure 4. Charge Injection Test
Figure 5. Off Isolation
Figure 6. Crosstalk
Figure 7. Channel Off Capacitance
Figure 8. Channel On Capacitance
CL
1nF
D/L
V
bus
VGEN
RGEN
Logic
Input
Logic
Input
Q = (∆VOUT)(CL)
VOUT
OFF
ON
OFF
∆VOUT
L/D
10nF
GND
VDD
VDD
Logic Input
0V or VIH
RL
50Ω
Signal
Generator
CL
5pF
50Ω
Analyzer
D/L
V
bus
D/L
10nF
GND
VDD
RL
50W
Signal
Generator
CL
5pF
50W
Analyzer
VDD
50W
D/L
V
bus
L
D
Capacitance
Meter
10nF
GND
f = 1 MHz
VDD
VDD
Logic Input
0V or VIH
L/D
L/D
Vbus
Capacitance
Meter
10nF
GND
VDD
VDD
f = 1 MHz
Logic Input
0V or VIH
L/D
V
bus
L/D
15-0127



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com