Electronic Components Datasheet Search
  English  ▼

X  

PI3USB223ZMEX Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI3USB223ZMEX
Description  USB 2.0 High-Speed and Audio Switches with Negative Signal Capability
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3USB223ZMEX Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI3USB223ZMEX Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3USB223ZMEX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3USB223ZMEX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3USB223ZMEX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3USB223ZMEX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3USB223ZMEX Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3USB223ZMEX Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3USB223ZMEX Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3USB223ZMEX Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
PI3USB223
USB 2.0 High-Speed and Audio Switches
with Negative Signal Capability
www.pericom.com
10/27/15
Parameter
Symbol
Test Conditions
Min. Typ. Max. Units
InsertionLoss
IN(USBPath)
Frequency=240MHz
-0.5
dB
OffIsolation
ISO
Figure4,f=240MHz
-35
Crosstalk
XTALK
f=100kHz,VCOM=1VRMS,RS=RL=50Ω,
Figure4
-80
TotalHarmonicDistortion
+Noise
THD+N(for
audiopath)
R/LtoD+/RandD-/L,f=20Hzto20kHz,
VD+/RandD-/L=0.5VPP,DCBias=0V,RL=600Ω
0.02
%
LOGIC INPUT
InputLogicHigh
VIHforASEL
1.6
V
InputLogicLow
VILforASEL
0.4
VIHforVbus
2.2
5.5
VILforVbus
0
0.6
InputLeakageCurrent
IIN
VASELandVVbus=0VorVDD
-10
10
μA
ESD PROTECTION
AllPins
HumanBodyModel
±2
kV
D+/R,D-/L,andVBUS
HumanBodyModel
±12
D+/R,D-/L,andVBUS
Contact,IEC61000-4-2
±8
All trademarks are property of their respective owners.
15-0127



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com