Electronic Components Datasheet Search
  English  ▼

X  

PI5A3157BC6EX Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI5A3157BC6EX
Description  Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5A3157BC6EX Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI5A3157BC6EX Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5A3157BC6EX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5A3157BC6EX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5A3157BC6EX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5A3157BC6EX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5A3157BC6EX Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5A3157BC6EX Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5A3157BC6EX Datasheet HTML 8Page - Pericom Semiconductor Corporation PI5A3157BC6EX Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-02-0002
PT0353-5
07/02/15
2
PI5A3157B
Low Voltage SPDT Analog Switch
2: 1 Mux/Demux Bus Switch
Maximum Ratings
Storage Temperature……………………………….…...-65℃ to +150℃
Ambient Temperature with Power Applied.......................-40℃ to +85℃
Supply Voltage VCC ………………………………….…..-0.5V to +7.0V
DC Control Input Voltage VS
…………………………-0.5V to +7.0V
DC Input Voltage VIN
… ………………………….-0.5V to V
CC +0.5V
DC Output Current VOUT… …………………………………….128mA
DC VCC or Ground Current ICC /IGND … ………………………±100mA
Junction Temperature under Bias (TJ) ...........................................150°C
Junction Lead Temperature (TL)
(Soldering, 10 seconds) ................................................................ 260°C
Power Dissipation (PD) @ +85°C ...............................................180mW
ESD(HBM)……………………………….……………….….. 2000V
Recommended Operating Conditions
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VCC
Operating Voltage
-
1.65
-
5.5
V
VS
Control Input Voltage
-
0
-
5.5
V
VIN
Switch Input Voltage
-
0
-
VCC
V
VOUT
Output Voltage
-
0
-
VCC
V
TA
Operating Temperature
-
-40
25
85
°C
Ts
tr, tf
Input Rise and Fall Time
Control Input VCC = 2.3V to 3.6V
0
-
10
ns/V
Control Input VCC = 4.5V to 5.5V
0
-
5
ns/V
Note: Control input must be held HIGH or LOW; it must not float.
Note:
Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the
device. This is a stress rating only and functional
operation of the device at these or any other
conditions above those indicated in the operational
sections of this specification is not implied.
Exposure to absolute maximum rating conditions
for extended periods may affect reliability.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com