Electronic Components Datasheet Search
  English  ▼

X  

PI5A4158 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI5A4158
Description  Low Voltage SPDT 0.8(ohm) Analog Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5A4158 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI5A4158 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5A4158 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5A4158 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5A4158 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5A4158 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5A4158 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5A4158 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5A4158 Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-09-0006
PT0389-2
09/23/15
3
PI5A4158
Low Voltage SPDT 0.8Ω Analog Switch
DC Electrical Characteristics
(TA = –40°C to 85°C, Typical values are at 3V and +25°C, unless otherwise noted.)
Symbol
Parameter
Test Conditions
Supply Voltage
Min.
Typ.
Max.
Units
VIAR
Analog Input Signal Range
-
VCC
0
-
VCC
V
RON
ON Resistance
(1)
IAx=100mA, VnBx =0V
VCC=4.5V
-
0.7
1.1
Ω
IAx=100mA, VnBx =2.4V
-
0.6
1.0
IAx=100mA, VnBx =4.5V
-
0.8
1.2
IAx=100mA, VnBx =0V
VCC=3.0V
-
0.8
1.3
Ω
IAx=100mA, VnBx =3.0V
-
0.9
1.9
IAx=100mA, VnBx =0V
VCC=2.3V
-
1.0
1.5
Ω
IAx=100mA, VnBx =2.3V
-
1.2
1.8
IAx=100mA, VnBx =0V
VCC=1.65V
-
1.3
1.9
Ω
IAx=100mA, VnBx =1.65V
-
2.0
2.8
∆R
ON
ON Resistance Match
Between Channels
(1,2,3)
IAx=100mA, VnBx =3.15V
VCC=4.5V
-
0.01
0.03
Ω
IAx=100mA, VnBx =2.1V
VCC=3.0V
-
0.02
0.04
IAx=100mA, VnBx =1.6V
VCC=2.3V
-
0.03
0.06
IAx=100mA, VnBx =1.15V
VCC=1.65V
-
0.03
0.06
RONF
ON Resistance Flatness
(1,2,4)
IAx=100mA, VnBx =0V,2.4V,4.5V
VCC=4.5V
-
0.2
0.4
Ω
IAx=100mA, VnBx =0V,1.5V,3.3V
VCC=3.3V
-
0.2
0.4
IAx=100mA, VnBx =0V,1.1V,2.5V
VCC=2.5V
-
0.4
0.6
IAx=100mA, VnBx =0V, 0.7V,1.8V
VCC=1.8V
-
1.0
1.4
VIH
Input High Voltage
Logic High Level
VCC=1.65V
-
0.9
-
V
VCC=2.3V
-
1.0
-
VCC=3.0V
-
1.1
-
VCC=4.2V
-
1.2
-
VCC=5.5V
-
1.3
-
VIL
Input Low Voltage
Logic Low Level
VCC=1.65V
-
-
0.6
V
VCC=2.3V
-
-
0.6
VCC=3.0V
-
-
0.6
VCC=4.2V
-
-
0.8
VCC=5.5V
-
-
0.8
IOFF(Bn)
Source Off Leakage Current
VAx=1V/4.5V, VnBx=1V/4.5V
VCC=3.0V
-20
-
+20
nA
ION(A, Bn) Channel On Leakage Current
-
VCC=1.65V to
5.5V
-40
-
+40
nA
ICC
Quiescent Supply Current
All Channels ON or OFF,
VnBx=VCC and GND, IOUT=0A
VCC=3.6V
-
0.004
0.2
µA
VCC=5.5V
-
0.004
0.2
ICCT
Increase in ICC per Input
Channel Input at 2.7V
VCC=4.3V
-
0.2
10.0
µA
Notes:
1. Measured by voltage drop between A and B pins at the indicated current through the device. ON resistance is determined by the lower of
the voltages on two ports (Ax or nBx) x= 0 or 1, n= 0 or 1.
2. Parameter is characterized but not tested in production.
3.
∆R
ON = RON max – RON min. measured at identical VCC, temperature and voltage levels.
4. Flatness is defined as difference between maximum and minimum value of ON resistance over the specified range of conditions.
Capacitance
(1)
Symbol
Parameter
Test Conditions
Supply Voltage
Temp (º
C)
Min.
Typ.
Max.
Units
CIN
Control Input
f = 1 MHz
VCC = 5.0V
TA = 25°C
-
3.5
-
pF
CIO-B
For Bn Port, Switch OFF
-
15.0
-
CIOA-ON
For An Port, Switch ON
-
34.0
-
Notes:
1. Capacitance is characterized but not tested in production



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com