Electronic Components Datasheet Search
  English  ▼

X  

23329 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 23329
Description  appliance connector with retaining nut
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

23329 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  23329 Datasheet HTML 1Page - List of Unclassifed Manufacturers 23329 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Contact bearer material
PA
Housing material
PA
Environmental conditions
Protection class (IEC 60529)
IP 65 (gasket necessary) (mated)
Pollution severity
3
Temperature range
-40 °C to +125 °C
Inflammability class
Contact bearer
94 V-0
Approvals
UR
UR
VDE
VDE
SEV
SEV
CSA
CSA
Packing unit
Packaging unit
200 pieces
Scope of delivery and accessories
Accessories to order separately
(NBR) flat gasket GSA 200-4,
Order no. 730 843-002;
(EPDM) flat gasket GSA 200-7,
Order no. 730 268-003
page 2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com