Electronic Components Datasheet Search
  English  ▼

X  

23345 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 23345
Description  cable socket with central screw M 2.5 x 27
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

23345 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  23345 Datasheet HTML 1Page - List of Unclassifed Manufacturers 23345 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GDSN 207 schwarz/black
Industrial Connectors:Rectangular connectors GDM-series:Type CEN 175301-803 (DIN
43650):Cable socket
Hirschmann Automation and Control GmbH
Product description
Description
cable socket with central screw M 2.5 x 27
Type
GDSN 207 schwarz/black
Order No.
933 137-100
Other standard types
grey housing,
Order No. 933 137-106
Number of contacts
2 + PE
Cable gland
PG 7
Conductor size
max. 0.75 mm²
Standard
DIN EN 175 301-803-C
Housing Color
black
Construction type
C
Drawing
Technical data
Pin dimensions
2,8 mm x 0,5 mm, 3,6 mm x 0,5 mm
Rated voltage
AC/DC 250 V
Rated current
6 A
Contact resistance
<= 4 mOhm
Type of termination
screw
Suitable cables
4.5 mm to 6 mm
page 1 of 2


Similar Part No. - 23345

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
233451B ITF-233451B Datasheet
182Kb / 2P
Typical 1dB bandwidth of 32.95 MHz
233452B ITF-233452B Datasheet
160Kb / 2P
Typical 1dB bandwidth of 33.25MHz
logo
TE Connectivity Ltd
2334571-1 TEC-2334571-1 Datasheet
273Kb / 2P
RIGHT ANGLE RECEPTACLE, SOLDER MULTI-BEAM PLUS
More results

Similar Description - 23345

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
23332 ETC2-23332 Datasheet
167Kb / 2P
cable socket with central screw M 3 x 35
23698 ETC2-23698 Datasheet
186Kb / 2P
cable socket with central screw M 3 x 35
23700 ETC2-23700 Datasheet
160Kb / 2P
cable socket with central screw M 3 x 35
23704 ETC2-23704 Datasheet
185Kb / 2P
cable socket with central screw M 3 x 35
23705 ETC2-23705 Datasheet
160Kb / 2P
cable socket with central screw M 3 x 35
23707 ETC2-23707 Datasheet
159Kb / 2P
cable socket with central screw M 3 x 35
1716241 ETC2-1716241 Datasheet
137Kb / 2P
cable socket with central screw M 3 x 35
1716245 ETC2-1716245 Datasheet
155Kb / 2P
cable socket with central screw M 2.5 x 27
1722345 ETC2-1722345 Datasheet
137Kb / 2P
cable socket with central screw M 3 x 35
logo
WAGO Kontakttechnik Gmb...
756-3206-140-270 WAGO-756-3206-140-270 Datasheet
126Kb / 3P
Connecting cable; 14-pole; Length: 27 m
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com