Electronic Components Datasheet Search
  English  ▼

X  

28451 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 28451
Description  24 AWG stranded (7x32) TC conductors, semi-rigid PVC insulation, twisted pairs, overall Beldfoil shield
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

28451 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  28451 Datasheet HTML 1Page - List of Unclassifed Manufacturers 28451 Datasheet HTML 2Page - List of Unclassifed Manufacturers 28451 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
9509 Paired - Computer Cable for EIA RS-232 Applications
For more information please
call
1-800-Belden1
See Put-ups and Colors
Related Documents : No. 3 for
Paired Cables (Belden
Standard).pdf
Description:
24 AWG stranded (7x32) TC conductors, semi-rigid PVC insulation, twisted pairs, overall Beldfoil shield (100% coverage), 24 AWG
stranded TC drain Wire (continued), PVC jacket.
PHYSICAL CHARACTERISTICS:
CONDUCTOR:
Number of Pairs
9
Total Number of Conductors
18
AWG
24
Stranding
7x32
Conductor Material
TC - Tinned Copper
INSULATION:
Insulation Material
S-R PVC - Semi-Rigid Polyvinyl Chloride
Pair Color Code Chart :
Number
Color
1
Black & Red
2
Black & White
3
Black & Green
4
Black & Blue
5
Black & Yellow
Number
Color
6
Black & Brown
7
Black & Orange
8
Red & White
9
Red & Green
OUTER SHIELD:
Outer Shield Material Trade Name
Beldfoil®
Outer Shield Type
Tape
Outer Shield Material
Aluminum Foil-Polyester Tape w/Shorting Fold
Outer Shield %Coverage
100 %
OUTER SHIELD DRAIN WIRE :
Outer Shield Drain Wire AWG
24
Outer Shield Drain Wire Stranding
7x32
Page 1 of 3


Similar Part No. - 28451

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
284510-2 MACOM-284510-2 Datasheet
49Kb / 1P
TERMINAL BLOCK, PLUG WITH SCREW FLANGE 3.5mm PITCH
284510-3 MACOM-284510-3 Datasheet
49Kb / 1P
TERMINAL BLOCK, PLUG WITH SCREW FLANGE 3.5mm PITCH
284510-4 MACOM-284510-4 Datasheet
49Kb / 1P
TERMINAL BLOCK, PLUG WITH SCREW FLANGE 3.5mm PITCH
284510-5 MACOM-284510-5 Datasheet
49Kb / 1P
TERMINAL BLOCK, PLUG WITH SCREW FLANGE 3.5mm PITCH
284510-6 MACOM-284510-6 Datasheet
49Kb / 1P
TERMINAL BLOCK, PLUG WITH SCREW FLANGE 3.5mm PITCH
More results

Similar Description - 28451

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1345178 ETC2-1345178 Datasheet
99Kb / 3P
24 AWG stranded (7x32) TC conductors, semi-rigid PVC insulation, twisted pairs
28396 ETC2-28396 Datasheet
32Kb / 3P
24 AWG stranded (7x32) TC conductors, semi-rigid PVC insulation, twisted pairs, overall Beldfoil shield
28419 ETC2-28419 Datasheet
33Kb / 3P
24 AWG stranded (7x32) TC conductors, semi-rigid PVC insulation, twisted pairs, overall Beldfoil shield
28423 ETC2-28423 Datasheet
33Kb / 3P
24 AWG stranded (7x32) TC conductors, semi-rigid PVC insulation, twisted pairs, overall Beldfoil shield
28426 ETC2-28426 Datasheet
33Kb / 3P
24 AWG stranded (7x32) TC conductors, semi-rigid PVC insulation, twisted pairs, overall Beldfoil shield
28431 ETC2-28431 Datasheet
33Kb / 3P
24 AWG stranded (7x32) TC conductors, semi-rigid PVC insulation, twisted pairs, overall Beldfoil shield
28452 ETC2-28452 Datasheet
33Kb / 3P
24 AWG stranded (7x32) TC conductors, semi-rigid PVC insulation, twisted pairs, overall Beldfoil shield
28454 ETC2-28454 Datasheet
33Kb / 3P
24 AWG stranded (7x32) TC conductors, semi-rigid PVC insulation, twisted pairs, overall Beldfoil shield
28458 ETC2-28458 Datasheet
33Kb / 3P
24 AWG stranded (7x32) TC conductors, semi-rigid PVC insulation, twisted pairs, overall Beldfoil shield
28461 ETC2-28461 Datasheet
33Kb / 3P
24 AWG stranded (7x32) TC conductors, semi-rigid PVC insulation, twisted pairs, overall Beldfoil shield
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com