Electronic Components Datasheet Search
  English  ▼

X  

8760 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 8760
Description  18 AWG stranded (16x30) tinned copper conductors, polyethylene insulation
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

8760 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  8760 Datasheet HTML 1Page - List of Unclassifed Manufacturers 8760 Datasheet HTML 2Page - List of Unclassifed Manufacturers 8760 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
8760 Paired - Shielded Twisted Pair Cable
Outer Jacket Nominal Wall Thickness
.028 in.
OVERALL NOMINAL DIAMETER:
Overall Nominal Diameter
.222 in.
MECHANICAL CHARACTERISTICS:
Operating Temperature Range
-20°C To +60°C
UL Temperature Rating
60°C (UL AWM Style 2092)
Bulk Cable Weight
26.6 lbs/1000 ft.
Max. Recommended Pulling Tension
62 lbs.
Min. Bend Radius (Install)
2.25 in.
APPLICABLE SPECIFICATIONS AND AGENCY COMPLIANCE:
APPLICABLE STANDARDS:
NEC/(UL) Specification
CM
CEC/C(UL) Specification
CM
AWM Specification
UL Style 2092 (300 V 60°C)
EU CE Mark (Y/N)
Yes
EU RoHS Compliant (Y/N)
Yes
EU RoHS Compliance Date (mm/dd/yyyy):
01/01/2004
FLAME TEST:
UL Flame Test
UL1685 UL Loading
PLENUM/NON-PLENUM:
Plenum (Y/N)
N
Plenum Number
88760, 87760 or 82760
ELECTRICAL CHARACTERISTICS:
Nom. Characteristic Impedance
57 Ohms
Nom. Inductance
.18 µH/ft
Nom. Capacitance Conductor to Conductor @ 1 KHz
29.8 pF/ft
Nom. Cap. Cond. to Other Cond. & Shield @ 1 KHz
44 pF/ft
Nom. Conductor DC Resistance @ 20 Deg. C
6.5 Ohms/1000 ft
Max. Operating Voltage - UL
300 V RMS (UL AWM Style 2092)
Max. Recommended Current
5.2 Amps per conductor @ 25°C
PUT-UPS AND COLORS:
Item
Description
Put-Up (ft.)
Ship Weight (lbs.)
Jacket Color
Notes
8760 0601000
2 #18 LDPE SH PVC 1000
26
CHROME
C
8760 06010000
2 #18 LDPE SH PVC 10000
260
CHROME
C Y
Page 2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com