Electronic Components Datasheet Search
  English  ▼

X  

SM4002 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # SM4002
Description  Surface Mount Si-Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

SM4002 Datasheet(HTML) 1 Page - Diotec Semiconductor

  SM4002 Datasheet HTML 1Page - Diotec Semiconductor SM4002 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1) Max. temperature of the terminals T
T = 75
/C / 100/C – Max. Temperatur der Kontaktflächen T
T = 75
/C / 100/C
44
28.02.2002
SM 4001 … SM 4007
SM 513, SM 516, SM 518, SM 2000
Surface Mount Si-Rectifiers
Si-Gleichrichter für die Oberflächenmontage
Nominal current – Nennstrom
1 A
Repetitive peak reverse voltage
50…2000 V
Periodische Spitzensperrspannung
Plastic case MELF
DO-213AB
Kunststoffgehäuse MELF
Weight approx. – Gewicht ca.
0.12 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Dimensions / Maße in mm
Standard packaging taped and reeled
see page 18
Standard Lieferform gegurtet auf Rolle
siehe Seite 18
Maximum ratings
Grenzwerte
Type
Typ
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
V
RRM [V]
Surge peak reverse voltage
Stoßspitzensperrspannung
V
RSM [V]
SM 4001
50
50
SM 4002
100
100
SM 4003
200
200
SM 4004
400
400
SM 4005
600
600
SM 4006
800
800
SM 4007
1000
1000
SM 513
1300
1300
SM 516
1600
1600
SM 518
1800
1800
SM 2000
2000
2000
Max. average forward rectified current, R-load
T
T = 75
/CI
FAV
1 A
Dauergrenzstrom in Einwegschaltung mit R-Last
T
T = 100
/CI
FAV
0.8 A
Repetitive peak forward current
f > 15 Hz
I
FRM
10 A 1)
Periodischer Spitzenstrom
Peak forward surge current, 50 Hz half sine-wave
T
A = 25
/CI
FSM
40 A
Stoßstrom für eine 50 Hz Sinus-Halbwelle


Similar Part No. - SM4002

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SM4002 RECTRON-SM4002 Datasheet
21Kb / 2P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
logo
Bytes
SM4002 BYTES-SM4002 Datasheet
149Kb / 2P
1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
Shanghai Lunsure Electr...
SM4002 CHENYI-SM4002 Datasheet
142Kb / 2P
SURFACE MOUNT GALSS PASSIVATED JUNCTION RECTIFIER
logo
Dc Components
SM4002 DCCOM-SM4002 Datasheet
358Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SILICON RECTIFIER
logo
Formosa MS
SM4002 FORMOSA-SM4002 Datasheet
65Kb / 2P
Glass passivated type
More results

Similar Description - SM4002

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
GL1A DIOTEC-GL1A Datasheet
157Kb / 2P
Surface Mount Si-Rectifiers
S1A DIOTEC-S1A Datasheet
165Kb / 2P
Surface Mount Si-Rectifiers
S2A DIOTEC-S2A Datasheet
165Kb / 2P
Surface Mount Si-Rectifiers
S3A DIOTEC-S3A Datasheet
166Kb / 2P
Surface Mount Si-Rectifiers
S3A DIOTEC-S3A_07 Datasheet
107Kb / 2P
Surface Mount Si-Rectifiers
S5A DIOTEC-S5A Datasheet
107Kb / 2P
Surface Mount Si-Rectifiers
SM5400 DIOTEC-SM5400_07 Datasheet
110Kb / 2P
Surface Mount Si-Rectifiers
SM5059 DIOTEC-SM5059_07 Datasheet
110Kb / 2P
Surface Mount Si-Rectifiers
SM4001Q DIOTEC-SM4001Q_08 Datasheet
129Kb / 2P
Surface Mount Si-Rectifiers
SM4001Q DIOTEC-SM4001Q_15 Datasheet
129Kb / 2P
Surface Mount Si-Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com