Electronic Components Datasheet Search
  English  ▼

X  

RF7206 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF7206
Description  3 V W-CDMA BAND 2 LINEAR PA MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF7206 Datasheet(HTML) 4 Page - RF Micro Devices

  RF7206 Datasheet HTML 1Page - RF Micro Devices RF7206 Datasheet HTML 2Page - RF Micro Devices RF7206 Datasheet HTML 3Page - RF Micro Devices RF7206 Datasheet HTML 4Page - RF Micro Devices RF7206 Datasheet HTML 5Page - RF Micro Devices RF7206 Datasheet HTML 6Page - RF Micro Devices RF7206 Datasheet HTML 7Page - RF Micro Devices RF7206 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4 of 8
RF7206
DS100805
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Package Drawing
Pin
Function
Description
1
VBAT
Supply voltage for bias circuitry and the first stage amplifier.
2
RF IN
RF input internally matched to 50
 and DC blocked. Input matching includes a shunt inductor to ground which
would short DC voltage placed on this pin.
3
VMODE1
Digital control input for power mode selection (see Operating Modes truth table).
4
VMODE0
Digital control input for power mode selection (see Operating Modes truth table).
5
VEN
Digital control input for PA enable and disable (see Operating Modes truth table).
6
CPL_OUT
Coupler output.
7
GND
This pin must be grounded.
8
CPL_IN
Coupler input used for cascading couplers in series. Terminate this pin with a 50
 resistor if not connected to
another coupler.
9
RF OUT
RF output internally matched to 50
and DC blocked.
10
VCC
Supply voltage for the second stage amplifier which can be connected to battery supply or output of DC-DC con-
verter.
Pkg
Base
GND
Ground connection. The package backside should be soldered to a topside ground pad connecting to the PCB
ground plane with multiple ground vias. The pad should have a low thermal resistance and low electrical imped-
ance to the ground plane.
VEN
VMODE0 VMODE1 VBAT
VCC
Conditions/Comments
Low
Low
Low
3.0V to 4.35V 3.0V to 4.35V Power down mode
Low
X
X
3.0V to 4.35V 3.0V to 4.35V Standby Mode
High
Low
Low
3.0V to 4.35V 3.0V to 4.35V High power mode
High
High
Low
3.0V to 4.35V 3.0V to 4.35V Medium power mode
High
High
High
3.0V to 4.35V 3.0V to 4.35V Low power mode
High
High
High
3.0V to 4.35V
0.5V
Optional lower VCC in low power mode



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com