Electronic Components Datasheet Search
  English  ▼

X  

28477 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 28477
Description  22 AWG stranded (7x30) tinned copper conductor, polypropylene insulation
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

28477 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  28477 Datasheet HTML 1Page - List of Unclassifed Manufacturers 28477 Datasheet HTML 2Page - List of Unclassifed Manufacturers 28477 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
8778 Paired - CM Rated Cable
For more information please
call
1-800-Belden1
See Put-ups and Colors
Related Documents : No. 3 for
Paired Cables (Belden
Standard).pdf
Description:
22 AWG stranded (7x30) tinned copper conductor, polypropylene insulation, twisted pairs individually shielded with Beldfoil® (100%
coverage), overall PVC jacket and 22 AWG stranded tinned copper drain wire.
PHYSICAL CHARACTERISTICS:
CONDUCTOR:
Number of Pairs
6
Total Number of Conductors
12
AWG
22
Stranding
7x30
Conductor Diameter
.030 in.
Conductor Material
TC - Tinned Copper
INSULATION:
Insulation Material
PP - Polypropylene
Insulation Diameter
.050 in.
Lay Length
1.75 in.
Twists/ft.
6.85
Pair Color Code Chart :
Number
Color
1
Black & Red
2
Black & White
3
Black & Green
Number
Color
4
Black & Blue
5
Black & Yellow
6
Black & Brown
INNER SHIELD:
Inner Shield Material Trade Name
Beldfoil® (Z-Fold®)
Inner Shield Type
Tape
Inner Shield Material
Aluminum Foil-Polyester Tape
Inner Shield % Coverage
100 %
Inner Shield Drain Wire AWG
22
Page 1 of 3


Similar Part No. - 28477

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
284774 ERNI-284774 Datasheet
96Kb / 1P
Federleiste C 64 EE
More results

Similar Description - 28477

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1344544 ETC2-1344544 Datasheet
100Kb / 3P
22 AWG stranded (7x30) tinned copper conductor, polypropylene insulation
1344972 ETC2-1344972 Datasheet
101Kb / 3P
22 AWG stranded (7x30) tinned copper conductors, polypropylene insulation
1345874 ETC2-1345874 Datasheet
101Kb / 3P
22 AWG stranded (7x30) tinned copper conductors, polypropylene insulation
28473 ETC2-28473 Datasheet
34Kb / 4P
22 AWG stranded (7x30) tinned copper conductors, polypropylene insulation
28480 ETC2-28480 Datasheet
33Kb / 3P
22 AWG stranded (7x30) tinned copper conductor, polypropylene insulation
1351694 ETC2-1351694 Datasheet
100Kb / 3P
22 AWG stranded (7x30) tinned copper conductor, polypropylene insulation
1351870 ETC2-1351870 Datasheet
101Kb / 3P
22 AWG stranded (7x30) tinned copper conductor, polypropylene insulation
1712701 ETC2-1712701 Datasheet
103Kb / 3P
22 AWG stranded (7x30) tinned copper conductors, polypropylene insulation
8723NH ETC2-8723NH Datasheet
113Kb / 3P
22 AWG stranded (7x30) tinned copper conductors, polypropylene insulation
9451SB ETC2-9451SB Datasheet
103Kb / 3P
22 AWG stranded (7x30) tinned copper conductors, polypropylene insulation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com