Electronic Components Datasheet Search
  English  ▼

X  

28489 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 28489
Description  24 AWG stranded (7x32) tinned copper conductors, conductors cabled
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

28489 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  28489 Datasheet HTML 1Page - List of Unclassifed Manufacturers 28489 Datasheet HTML 2Page - List of Unclassifed Manufacturers 28489 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
9533 Non-Paired - Computer Cable for EIA RS-232 Applications
For more information please
call
1-800-Belden1
See Put-ups and Colors
Related Documents : No. 1.pdf
Description:
24 AWG stranded (7x32) tinned copper conductors, conductors cabled, semi-rigid PVC insulation, overall Beldfoil® shield (100%
coverage), 24 AWG stranded tinned copper drain wire, PVC jacket.
PHYSICAL CHARACTERISTICS:
CONDUCTOR:
Number of Conductors
3
Total Number of Conductors
3
AWG
24
Stranding
7x32
Conductor Material
TC - Tinned Copper
INSULATION:
Insulation Material
PVC - Polyvinyl Chloride
Nom. Insulation Wall Thickness
.010 in.
OVERALL CABLING:
Overall Cabling Lay Length
1.50 in.
Overall Cabling Color Code Chart :
Number
Color
1
Black
2
White
Number
Color
3
Red
OUTER SHIELD:
Outer Shield Material Trade Name
Beldfoil®
Outer Shield Material
Aluminum Foil-Polyester Tape
Outer Shield %Coverage
100 %
Outer Shield Drain Wire AWG
24
Outer Shield Drain Wire Stranding
7x32
Outer Shield Drain Wire Conductor Material
TC - Tinned Copper
OUTER JACKET:
Page 1 of 3


Similar Part No. - 28489

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
284890 ERNI-284890 Datasheet
73Kb / 1P
Federleiste B/2 32 Lot Clip
284891 ERNI-284891 Datasheet
81Kb / 1P
FEDERLEISTE B/2 32 EE
284892 ERNI-284892 Datasheet
72Kb / 1P
Federleiste B/2 32 Lot
284893 ERNI-284893 Datasheet
73Kb / 1P
Federleiste B/2 32 Lot Clip
284895 ERNI-284895 Datasheet
99Kb / 1P
Federleiste B/2, 32 EE
More results

Similar Description - 28489

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1346243 ETC2-1346243 Datasheet
99Kb / 3P
24 AWG stranded (7x32) tinned copper conductors, conductors cabled
28517 ETC2-28517 Datasheet
33Kb / 3P
24 AWG stranded (7x32) tinned copper conductors
28494 ETC2-28494 Datasheet
33Kb / 3P
24 AWG stranded (7x32) tinned copper conductors, conductors cabled, semi-rigid PVC insulation
28498 ETC2-28498 Datasheet
33Kb / 3P
24 AWG stranded (7x32) tinned copper conductors, conductors cabled, semi-rigid PVC insulation, overall Beldfoil
28502 ETC2-28502 Datasheet
33Kb / 3P
24 AWG stranded (7x32) tinned copper conductors
28509 ETC2-28509 Datasheet
33Kb / 3P
24 AWG stranded (7x32) tinned copper conductors, conductors cabled, semi-rigid PVC insulation
28513 ETC2-28513 Datasheet
33Kb / 3P
24 AWG stranded (7x32) tinned copper conductors, conductors cabled, semi-rigid PVC insulation
1351316 ETC2-1351316 Datasheet
99Kb / 3P
24 AWG stranded (7x32) tinned copper conductors
1351319 ETC2-1351319 Datasheet
99Kb / 3P
24 AWG stranded (7x32) tinned copper conductors
9534 ETC2-9534 Datasheet
101Kb / 3P
24 AWG stranded (7x32) tinned copper conductors, conductors cabled, PVC insulation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com