Electronic Components Datasheet Search
  English  ▼

X  

SM5401 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # SM5401
Description  Surface Mount Si-Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

SM5401 Datasheet(HTML) 2 Page - Diotec Semiconductor

  SM5401 Datasheet HTML 1Page - Diotec Semiconductor SM5401 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1) Mounted on P.C. board with 60 mm2 copper pads at each terminal
Montage auf Leiterplatte mit 60 mm2 Kupferbelag (Lötpad) an jedem Anschluß
51
28.02.2002
SM 5400 ... SM 5408
Operating junction temperature – Sperrschichttemperatur
T
j
– 50...+175
/C
Storage temperature – Lagerungstemperatur
T
S
– 50...+175
/C
Characteristics
Kennwerte
Forward voltage
T
j = 25
/C
I
F = 3 A
U
F
< 1.2 V
Durchlaßspannung
Leakage current
T
j = 25
/CV
R = VRRM
I
R
< 10
:A
Sperrstrom
Thermal resistance junction to ambient air
R
thA
< 40 K/W 1)
Wärmewiderstand Sperrschicht – umgebende Luft
Thermal resistance junction to terminal
R
thT
< 10 K/W
Wärmewiderstand Sperrschicht – Kontaktfläche



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com