Electronic Components Datasheet Search
  English  ▼

X  

DBLS205G-T Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # DBLS205G-T
Description  2A, 400V - 1000V Glass Passivated Bridge Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

DBLS205G-T Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  DBLS205G-T Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd DBLS205G-T Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd DBLS205G-T Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd DBLS205G-T Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Note 1: "x" defines voltage from 400V (DBLS204G-T) to 1000V (DBLS207G-T)
Note 2: All series with green compound
(TA=25°C unless otherwise noted)
Fig. 3.4
Fig.5
Version: A1604
PART NO.
DBLS207G-T
PACKING CODE
PACKING CODE
SUFFIX
DESCRIPTION
RD
G
Green compound
PACKING CODE
SUFFIX
PACKAGE
PACKING
C1
G
DBLS
50 / TUBE
RD
1,500 / 13" Paper reel
DBLS204G-T - DBLS207G-T
Taiwan Semiconductor
ORDERING INFORMATION
PART NO.
DBLS20XG-T
(Note 1)
RATINGS AND CHARACTERISTICS CURVES
EXAMPLE P/N
DBLS207G-T RDG
EXAMPLE
PACKING
CODE
0
0.5
1
1.5
2
2.5
0
20
40
60
80
100
120
140
160
AMBIENT TEMPERATURE (°C)
FIG.1 FORWARD CURRENT DERATING CURVE
RESISTIVE OR
INDUCTIVELOAD
WITH HEATSINK
0
10
20
30
40
50
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 3 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
8.3ms Single Half Sine Wave
0.01
0.1
1
10
100
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 2 TYPICAL REVERSE CHARACTERISTICS
T
J=25°C
T
J=125°C
0.1
1
10
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
FORWARD VOLTAGE (V)
FIG. 4 TYPICAL FORWARD CHARACTERISTICS
DBLS204G-T - DBLS207G-T



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com