Electronic Components Datasheet Search
  English  ▼

X  

PI3CH400LE Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI3CH400LE
Description  4-Bit Bus Switch, Enable Low 1.8V/2.5V/3.3V, High-Bandwidth, Hot Plug
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3CH400LE Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI3CH400LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3CH400LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3CH400LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3CH400LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3CH400LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3CH400LE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3CH400LE Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-07-0016
PT0471-3
08/05/15
4
PI3CH400
4-Bit Bus Switch, Enable Low
1.8V/2.5V/3.3V, High-Bandwidth, Hot Plu
g
1. See test circuit and waveforms.
2. This parameter is guaranteed but not tested on Propagation Delays.
3. The switch contributes no propagation delay other than the RC delay of the On-Resistance of the switch and the load capacitance. The
time constant for the switch alone is of the order of 0.30ns for 10pF load. Since this time constant is much smaller than the rise/fall
times of typical driving signals, it adds very little propagation delay to the system. Propagation delay of the switch when used in a
system is determined by the driving circuit on the driving side of the switch and its interaction with the load on the driven side.
Over 2.5V Operating Range
Symbol
Description
Test Conditions
(1)
Min
Typ
Max
Unit
tPLH, tPHL
Propagation Delay
(2, 3) Ax to Bx, Bx to Ax
See test Diagram
-
-
0.3
ns
tPZH, tPZL
Enable Time ENx to Ax or Bx
See test Diagram
1.5
-
15.0
tPHZ, tPLZ
Disable Time ENx to Ax or Bx
See test Diagram
1.5
-
12.0
Note:
1. See test circuit and waveforms.
2. This parameter is guaranteed but not tested on Propagation Delays.
3. The switch contributes no propagation delay other than the RC delay of the On-Resistance of the switch and the load capacitance. The
time constant for the switch alone is of the order of 0.30ns for 10pF load. Since this time constant is much smaller than the rise/fall
times of typical driving signals, it adds very little propagation delay to the system. Propagation delay of the switch when used in a
system is determined by the driving circuit on the driving side of the switch and its interaction with the load on the driven side.
Over 1.8V Operating Range
Symbol
Description
Test Conditions
(1)
Min
Typ
Max
Unit
tPLH, tPHL
Propagation Delay
(2, 3) Ax to Bx, Bx to Ax
See test Diagram
-
-
0.3
ns
tPZH, tPZL
Enable Time ENx to Ax or Bx
See test Diagram
1.5
-
25.0
tPHZ, tPLZ
Disable Time ENx to Ax or Bx
See test Diagram
1.5
-
12.0
Note:
1. See test circuit and waveforms.
2. This parameter is guaranteed but not tested on Propagation Delays.
3. The switch contributes no propagation delay other than the RC delay of the On-Resistance of the switch and the load capacitance. The
time constant for the switch alone is of the order of 0.30ns for 10pF load. Since this time constant is much smaller than the rise/fall
times of typical driving signals, it adds very little propagation delay to the system. Propagation delay of the switch when used in a
system is determined by the driving circuit on the driving side of the switch and its interaction with the load on the driven side.
Test Circuit for Electrical Characteristics
Notes:
1.
CL = Load capacitance: includes jig and probe capacitance.
2.
RT = Termination resistance: should be equal to ZOUT of the Pulse Generator
3.
All input impulses are supplied by generators having the following characteristics: PRR ≤ 10 MHz, ZO = 50-ohm, tR ≤ 2.5ns, tF ≤
2.5ns.
4.
The outputs are measured one at a time with one transition per measurement.
D.U.T
Pulse
Generator
VIN
RT
VCC
VOUT
10pF
CL
200Ω
200Ω
6.0V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com