Electronic Components Datasheet Search
  English  ▼

X  

PI3CH400LEX Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI3CH400LEX
Description  4-Bit Bus Switch, Enable Low 1.8V/2.5V/3.3V, High-Bandwidth, Hot Plug
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3CH400LEX Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI3CH400LEX Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3CH400LEX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3CH400LEX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3CH400LEX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3CH400LEX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3CH400LEX Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3CH400LEX Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-07-0016
PT0471-3
08/05/15
3
PI3CH400
4-Bit Bus Switch, Enable Low
1.8V/2.5V/3.3V, High-Bandwidth, Hot Plu
g
1.8V supply (Over operating range, TA = -40 ~ +85ºC, VCC=1.8V±10%, unless otherwise noted)
Symbol
Description
Test Conditions
(1)
Min
Typ
(2)
Max
Unit
VIH
Control Input HIGH Voltage
Guaranteed Logic HIGH Level
1.2
-
VCC+0.3
V
VIL
Control Input LOW Voltage
Guaranteed Logic LOW Level
-0.3
-
0.6
V
VIK
Clamp Diode Voltage
VCC = Min., IIN = -18mA
-
-0.7
-1.8
V
IIH
Input HIGH Current
VCC = Max., VIN = VCC
-
-
±1
μA
IIL
Input Low Current
VCC = Max., VIN = GND
-
-
±1
μA
IOZH
High-Impedance Current
0 ≤ A, B ≤ V
CC
-
-
±1
μA
RON
Switch On-Resistance
(3)
VCC = Min., VIN = 0.0V
ION = -48mA
-
4
8
Ω
VCC = Min., VIN = 1.6V
ION = -15mA
-
10
25
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 1.8V, TA = 25°C ambient and maximum loading.
3. Measured by the voltage drop between A and B pin at indicated current through the switch. On-Resistance is determined
by the lower of the voltages on the two (Ax, Bx) pins.
Capacitance (TA = 25ºC, f=1MHz)
Symbol
(1)
Description
Test Conditions
Typ
(2)
Unit
CIN
Input Capacitance
VIN = 0V
2.0
pF
COFF
A/B Capacitance, Switch Off
3.5
CON
A/B Capacitance, Switch On
7.0
Note:
1. These parameters are determined by device characterization but are not production tested
Power Supply Characteristics
Symbol
Description
Test Conditions
(1)
Min
Typ
Max
Unit
ICC
Quiescent Power Supply Current
VCC = 3.6V, VIN = GND or VCC
-
0.2
0.5
mA
Note:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device.
2. Typical values are at +25°C ambient
Dynamic Electrical Characteristics
(Over Operating Range, TA = -40 ~ +85ºC, VCC=3.3V±10%)
Symbol
Description
Test Conditions
Min
Typ
Max
Unit
XTALK
Crosstalk
10MHz
-
-60
-
dB
OIRR
Off-Isolation
10MHz
-
-60
-
BW
-3dB Bandwidth
See test Diagram
-
500
-
MHz
Switch Characteristics
Over 3.3V Operating Range
Symbol
Description
Test Conditions
(1)
Min
Typ
Max
Unit
tPLH, tPHL
Propagation Delay
(2, 3) Ax to Bx, Bx to Ax
See test Diagram
-
-
0.3
ns
tPZH, tPZL
Enable Time ENx to Ax or Bx
See test Diagram
1.5
-
9.0
tPHZ, tPLZ
Disable Time ENx to Ax or Bx
See test Diagram
1.5
-
9.0
Note:



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com