Electronic Components Datasheet Search
  English  ▼

X  

PI3CH1000LE Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI3CH1000LE
Description  10-Bit Bus Switch, 2-Enable Low 1.8V/2.5V/3.3V, High-Bandwidth, Hot Plug
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3CH1000LE Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI3CH1000LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3CH1000LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3CH1000LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3CH1000LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3CH1000LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3CH1000LE Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
10-Bit Bus Switch, 2-Enable Low 1.8V/2.5V/3.3V,
High-Bandwidth, Hot Plug
2015-07-0014
PT0469-3
08/05/15
1
PI3CH1000
Features
Near-Zero propagation delay
5-ohm switches connect inputs to outputs
High signal passing bandwidth (500 MHz)
Beyond Rail-to-Rail switching
-
0 to 5V switching with 3.3V power supply
-
0 to 3.3V switching with 2.5V power supply
5V I/O tolerant with supply in OFF and ON state
1.8V, 2.5V and 3.3V supply voltage operation
Hot Insertion Capable
Industrial Operating Temperature: –40º
C to +85º
C
8kV ESD Protection (human body model)
Latch-up Performance: >200mA per JESD17
Packaging (Pb-free & Green available):
-24-pin 173-mil wide plastic TSSOP (L)
Pin Configuration
Pin Description
Pin No
Pin Name
Description
1, 13
1111111
EN1, EN2
Switch Enables
3,4,7,8,11,
14,17,18,22
A0-A9
A Ports
2,5,6,9,10,15,
16,19,20,23
B0-B9
B Ports
16
VCC
Power
8
GND
Ground
Description
The PI3CH1000 is a low voltage, 10-channel
switch designed with fast dual H1 enables. The switch
introduces no additional ground bounce noise or
propagation delay.
The PI3CH1000 device has active low enables. It is
very useful in switching signals that have high
bandwidth (500 MHz).
Applications
High Bandwidth Data Switching
Hot-Docking
Analog Signal Switching
Differential Signal Switching
Block Diagram
Truth Table(1)
Note:
1. H=High Voltage Level; L=Low Voltage Level;
Hi-Z=High Impedance
EN1 EN2
B0-B4
B5-B9
Function
H
H
Hi-Z
Hi-Z
Disconnect
L
H
A0-A4
Hi-Z
Connect
H
L
Hi-Z
A5-A9
Connect
L
L
A0-A4
A5-A9
Connect


Similar Part No. - PI3CH1000LE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3CH1000LE PERICOM-PI3CH1000LE Datasheet
571Kb / 8P
Low Voltage, 5-Ohm, 10-Channel 2-Port NanoSwitch?
More results

Similar Description - PI3CH1000LE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3CH200LEX PERICOM-PI3CH200LEX Datasheet
259Kb / 7P
2-Bit Bus Switch, Enable Low 1.8V/2.5V/3.3V, High-Bandwidth, Hot Plug
PI3CH200 PERICOM-PI3CH200_15 Datasheet
284Kb / 7P
2-Bit Bus Switch, Enable Low 1.8V/2.5V/3.3V, High-Bandwidth, Hot Plug
PI3CH400 PERICOM-PI3CH400_15 Datasheet
421Kb / 7P
4-Bit Bus Switch, Enable Low 1.8V/2.5V/3.3V, High-Bandwidth, Hot Plug
PI3CH401 PERICOM-PI3CH401_15 Datasheet
397Kb / 6P
4-Bit Bus Switch, Enable High 1.8V/2.5V/3.3V, High-Bandwidth, Hot Plug
PI3CH800 PERICOM-PI3CH800_15 Datasheet
669Kb / 8P
8-Bit Bus Switch, Enable Low 1.8V/2.5V/3.3V, High-Bandwidth, Hot Plug
PI3CH1010 PERICOM-PI3CH1010 Datasheet
284Kb / 6P
10-Bit Bus Switch, Enable Low 1.8V/2.5V/3.3V, High-Bandwidth, Hot Plug
PI3CH1012 PERICOM-PI3CH1012 Datasheet
308Kb / 7P
10-Bit Bus Switch, 2-Enable High and Low 1.8V/2.5V/3.3V, High-Bandwidth, Hot Plug
PI3CH3244 PERICOM-PI3CH3244 Datasheet
606Kb / 8P
8-Bit Bus Switch, 2-Enable Low 1.8V/2.5V/3.3V, High-Bandwidth Switch, Hot Plug
PI3CH3305 PERICOM-PI3CH3305 Datasheet
350Kb / 8P
2-Bit Bus Switch, Enable High 1.8V/2.5V/3.3V, High-Bandwidth, Hot Plug
PI3CH3345 PERICOM-PI3CH3345 Datasheet
597Kb / 7P
8-Bit Bus Switch, 2-Enable High or Low 1.8V/2.5V/3.3V, High-Bandwidth, Hot Plug
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com