Electronic Components Datasheet Search
  English  ▼

X  

US2A Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # US2A
Description  Ultrafast Switching Surface Mount Si-Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

US2A Datasheet(HTML) 1 Page - Diotec Semiconductor

  US2A Datasheet HTML 1Page - Diotec Semiconductor US2A Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1) Max. temperature of the terminals T
T = 100
/C – Max. Temperatur der Anschlüsse T
T = 100
/C
144
28.02.2002
US 2A … US 2M
Ultrafast Switching
Ultraschnelle Si-Gleichrichter
Surface Mount Si-Rectifiers
für die Oberflächenmontage
Nominal current – Nennstrom
2 A
Repetitive peak reverse voltage
50…1000 V
Periodische Spitzensperrspannung
Plastic case
~ SMB
Kunststoffgehäuse
~ DO-214AA
Weight approx. – Gewicht ca.
0.1 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Dimensions / Maße in mm
Standard packaging taped and reeled
see page 18
Standard Lieferform gegurtet auf Rolle
siehe Seite 18
Maximum ratings
Grenzwerte
Type
Typ
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
V
RRM [V]
Surge peak reverse voltage
Stoßspitzensperrspannung
V
RSM [V]
US 2A
50
50
US 2B
100
100
US 2D
200
200
US 2G
400
400
US 2J
600
600
US 2K
800
800
US 2M
1000
1000
Max. average forward rectified current, R-load
T
T = 100
/CI
FAV
2 A
Dauergrenzstrom in Einwegschaltung mit R-Last
Repetitive peak forward current
f > 15 Hz
I
FRM
10 A 1)
Periodischer Spitzenstrom
Peak forward surge current, 50 Hz half sine-wave
T
A = 25
/CI
FSM
50 A
Stoßstrom für eine 50 Hz Sinus-Halbwelle
Rating for fusing, t < 10 ms
T
A = 25
/Ci2t
12,5 A2s
Grenzlastintegral, t < 10 m
Operating junction temperature – Sperrschichttemperatur
T
j
– 50...+150
/C
Storage temperature – Lagerungstemperatur
T
S
– 50...+150
/C


Similar Part No. - US2A

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
US2A SSE-US2A Datasheet
17Kb / 1P
SURFACE MOUNT ULTRA FAST SWITCHING RECTIFIER
logo
Weitron Technology
US2A WEITRON-US2A Datasheet
118Kb / 3P
Surface Mount Ultra Fast Rectifiers
logo
Diotec Semiconductor
US2A DIOTEC-US2A Datasheet
69Kb / 2P
Ultrafast Switching Surface Mount Si-Diodes
logo
Semikron International
US2A SEMIKRON-US2A Datasheet
201Kb / 2P
Surface mount diode Ultrafast silicon rectifier diodes
logo
MIC GROUP RECTIFIERS
US2A MIC-US2A Datasheet
62Kb / 2P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
More results

Similar Description - US2A

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
EGL1A DIOTEC-EGL1A Datasheet
121Kb / 2P
Ultrafast Switching Surface Mount Si-Rectifiers
EGL34A DIOTEC-EGL34A Datasheet
122Kb / 2P
Ultrafast Switching Surface Mount Si-Rectifiers
SUF4001 DIOTEC-SUF4001 Datasheet
162Kb / 2P
Ultrafast Switching Surface Mount Si-Rectifiers
UF600A DIOTEC-UF600A Datasheet
154Kb / 2P
Ultrafast Switching Si-Rectifiers
UF5400 DIOTEC-UF5400 Datasheet
153Kb / 2P
Ultrafast Switching Si-Rectifiers
US1A DIOTEC-US1A Datasheet
162Kb / 2P
Ultrafast Switching Surface Mount Si-Rectifiers
US3A DIOTEC-US3A Datasheet
164Kb / 2P
Ultrafast Switching Surface Mount Si-Rectifiers
BAV100 DIOTEC-BAV100 Datasheet
133Kb / 2P
Ultrafast Switching Surface Mount Si-Rectifiers
SUF4001 DIOTEC-SUF4001_07 Datasheet
71Kb / 2P
Ultrafast Switching Surface Mount Si-Diodes
US3A DIOTEC-US3A_07 Datasheet
69Kb / 2P
Ultrafast Switching Surface Mount Si-Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com