Electronic Components Datasheet Search
  English  ▼

X  

PI3CH3305 Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI3CH3305
Description  2-Bit Bus Switch, Enable High 1.8V/2.5V/3.3V, High-Bandwidth, Hot Plug
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3CH3305 Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI3CH3305 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3CH3305 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3CH3305 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3CH3305 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3CH3305 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3CH3305 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3CH3305 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3CH3305 Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-07-0013
PT0468-4
08/05/15
5
PI3CH3305
2-Bit Bus Switch, Enable High,
1.8V/2.5V/3.3VHigh-Bandwidth, Hot Plug
Switch Positions
Test
Switch
tPLZ, tPZL
6.0V
tPHZ, tPZH
GND
Prop Delay
Open
Test Circuit for Dynamic Electrical Characteristics
Switching Waveforms
Voltage Waveforms Enable and Disable Times
Pulse Skew - tSK(p)
HP4195A
HP11667A
S1
VCC
R1
T1
50Ω
10pF
D.U.T



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com