Electronic Components Datasheet Search
  English  ▼

X  

PI3TB212ZLE Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI3TB212ZLE
Description  10.3Gbps Thunderbolt and DisplayPort Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3TB212ZLE Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI3TB212ZLE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3TB212ZLE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3TB212ZLE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3TB212ZLE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3TB212ZLE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3TB212ZLE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3TB212ZLE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3TB212ZLE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3TB212ZLE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
03/12/13
All trademarks are property of their respective owners.
PI3TB212
10.3Gbps Thunderbolt™ and DisplayPort™ Switch
Description of Operation
Truth Table
Device States
Control Pins
Device and PU/PD Configurations
S0
10G_EN
DP_EN#
TBC-4
2:1 Mux
3:1 Mux
LSRx, HPD_Out,
& CA_DET_Out
buffers
R1, R2 status
Thunderbolt 10G mode
1 (System Active)
0 (System Sleep)
1
1
1
1
X
X
LSTx & LSRx
LSTx & LSRx
TB Rx_1
Hi-z
All buffers on
R1 = R2 = OFF
R1 = R2 = OFF
DisplayPort Mode
1 (System Active)
0 (System Sleep)
0
0
0
0
0
0
DP ML1 (p, n)
Hi-Z
AUX
Hi-z
All buffers on
R1 = R2 = ON
R1 = R2 = ON
TMDS Mode
1 (System Active)
0 (System Sleep)
0
0
0
0
1
1
DP ML1 (p, n)
Hi-Z
DDC
Hi-z
All buffers on
R1 = R2 = ON
R1 = R2 = ON
Detect Mode
X - don't care
0
1
X
LSTx & LSRx
Hi-z
All buffers on
R1 = R2 = ON
Chip Disable mode
X - don't care
1
0
x
hi-z
hi-z
All buffers on
R1 = ON, R2 = ON
Power off (VDD = 0V)
X - don't care
x
x
x
hi-z
hi-z
All buffers oFF
R1 = OFF, R2 = ON
ThunderBolt Connector Pins
Controller Pin Names
TBC-16
DDC_SCL or AUX(p) or TB RX_1 (p)
TBC-18
DDC_SDA or AUX(n) or TB Rx_1 (n)
TBC-9
ML1 (p) or LSTx
TBC-11
ML1 (n) or LSRx
TBC-4
CA_DET_Out
TBC-2
HPD_Out
13-0026



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com