Electronic Components Datasheet Search
  English  ▼

X  

PI3VEDP212ZLE Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI3VEDP212ZLE
Description  2-lane DisplayPort Switch/Mux for DP Driven Panels with Triple Control Pins
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3VEDP212ZLE Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

  PI3VEDP212ZLE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3VEDP212ZLE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3VEDP212ZLE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3VEDP212ZLE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3VEDP212ZLE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3VEDP212ZLE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3VEDP212ZLE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3VEDP212ZLE Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
PS9057A
08/23/11
PI3VeDP212
2-lane DisplayPort™ Switch/Mux for
DP Driven Panels with Triple Control Pins
Switching Characteristics (TA=-40ºto+85ºC,VDD=3.3V±10%)
Parameter
Description
Min.
Max.
Units
tPZH,tPZL LineEnableTime
0.5
15.0
ns
tPHZ,tPLZ LineDisableTime
0.5
15.0
tb-b
Bit-to-bitskewwithinthesamedifferentialpair
7
ps
tch-ch
Channel-to-channelskew
50
ps
RT
4pF
CL
VDD
VIN
VOUT
200-ohm
200-ohm
6.0V
Pulse
Generator
D.U.T
Test Circuit for Electrical Characteristics(1-5)
Notes:
1. CL=Loadcapacitance:includesjigandprobecapacitance.
2. RT=Terminationresistance:shouldbeequaltoZOUTofthePulseGenerator
3. Output1isforanoutputwithinternalconditionssuchthattheoutputislowexceptwhendisabledbytheoutputcontrol.
output2isforanoutputwithinternalconditionssuchthattheoutputishighexceptwhendisabledbytheoutputcontrol.
4. Allinputimpulsesaresuppliedbygeneratorshavingthefollowingcharacteristics:PRR≤MHz,ZO=50Ω,tR≤2.5ns,tF≤2.5ns.
5. Theoutputsaremeasuredoneatatimewithonetransitionpermeasurement.
Switch Positions
Test
Switch
tPLZ,tPZL(outputonB-side)
6.0V
tPHZ,tPZH(outputonB-side)
GND
PropDelay
Open
Switching Waveforms
Voltage Waveforms Enable and Disable Times
tPLZ
VDD/2
VDD/2
VDD
VOH
0V
VOL
VDD/2
VDD/2
tPHZ
tPZL
tPZH
Output 1
Output 2
VOL
VOH
SEL
VOL + 0.3V
VOH – 0.3V
11-0082



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com