Electronic Components Datasheet Search
  English  ▼

X  

SRWF2U Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # SRWF2U
Description  SmartRack 2U Low-Profile Vertical-Mount Switch-Depth Wall-Mount Rack Enclosure Cabinet
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SRWF2U Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  SRWF2U Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SRWF2U Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SRWF2U Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SmartRack 2U Low-Profile Vertical-Mount
Switch-Depth Wall-Mount Rack Enclosure Cabinet
MODEL NUMBER: SRWF2U
Description
The SRWF2U SmartRack 2U Low-Profile Vertical-Mount Switch-Depth Wall-Mount Rack Enclosure Cabinet is
designed to house EIA-standard 19-inch rack equipment in network wiring closets, retail locations, classrooms,
back offices and other areas with limited floor space where you need equipment to be secure, organized and out
of the way. Constructed from heavy-duty steel with a durable black powder-coated finish, the cabinet has a maximum load capacity of 150 pounds.
Because the low-profile cabinet mounts vertically, it extends less than five inches from the wall while housing equipment up to 20 inches deep, including
network switches and patch panels. In addition to 2U of rack space in the primary mounting area, it also includes a slide-out 1U mounting bracket at the top of
the enclosure for patch panels up to 2.5 inches deep.
The front door locks securely to help prevent damage, tampering or theft. The cabinet is vented, which allows air to flow freely and keep equipment cool. The
reversible front door can open left or right. Convenient top and bottom ports allow easy cable routing.
The SRWF2U comes fully assembled and ready to mount to the wall. Equipment installation is easy with threaded mounting holes and hardware that support
M6 or 12-24 mounting.
Features
Saves Valuable Workspace
Perfect for network wiring closets, retail locations, classrooms, back offices and other areas with limited floor space where you need equipment to be
secure, organized and out of the way
Houses EIA-standard 19 in. rack equipment in 2U of space
Low-profile vertical-mount cabinet extends less than 5 in. from the wall while housing equipment up to 20 in. deep, including network switches and patch
panels
Also includes a slide-out 1U mounting bracket at the top of the enclosure for patch panels up to 2.5 in. deep
Maximum load capacity of 150 lb.
Keeps Important Equipment Secure
Highlights
Maximum load capacity of 150 lb.
Locking steel cabinet vented to
keep equipment cool
Secures 2U of 19 in. rack
equipment up to 20 in. deep
Includes additional 1U of space
for patch panels
Ships fully assembled for quick
installation
Package Includes
SRWF2U SmartRack 2U
Low-Profile Vertical-Mount
Switch-Depth Wall-Mount Rack
Enclosure Cabinet
(12) M6 screws
(12) M6 cup washers
(12) 12-24 screws
(2) Keys
Owner’s manual
1 / 3


Similar Part No. - SRWF2U

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SRWF2U36 TRIPPLITE-SRWF2U36 Datasheet
512Kb / 3P
SmartRack 2U Low-Profile Vertical-Mount Server-Depth Wall-Mount Rack Enclosure Cabinet
More results

Similar Description - SRWF2U

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SRW6UDP TRIPPLITE-SRW6UDP Datasheet
530Kb / 3P
SmartRack 6U Low-Profile Switch-Depth-Plus Wall-Mount Rack Enclosure Cabinet
SRW9UDP TRIPPLITE-SRW9UDP Datasheet
548Kb / 3P
SmartRack 9U Low-Profile Switch-Depth-Plus Wall-Mount Rack Enclosure Cabinet
SRW12UDP TRIPPLITE-SRW12UDP Datasheet
560Kb / 3P
SmartRack 12U Low-Profile Switch-Depth-Plus Wall-Mount Rack Enclosure Cabinet
SRWF2U36 TRIPPLITE-SRWF2U36 Datasheet
512Kb / 3P
SmartRack 2U Low-Profile Vertical-Mount Server-Depth Wall-Mount Rack Enclosure Cabinet
SRWF4U TRIPPLITE-SRWF4U Datasheet
521Kb / 3P
SmartRack 4U Low-Profile Vertical-Mount Switch-Depth Wall-Mount Rack Enclosure Cabinet
SRWF4U36 TRIPPLITE-SRWF4U36 Datasheet
512Kb / 3P
SmartRack 4U Low-Profile Vertical-Mount Server-Depth Wall-Mount Rack Enclosure Cabinet
SRWF6U TRIPPLITE-SRWF6U Datasheet
532Kb / 3P
SmartRack 6U Low-Profile Vertical-Mount Switch-Depth Wall-Mount Rack Enclosure Cabinet
SRW12U TRIPPLITE-SRW12U Datasheet
202Kb / 3P
SmartRack 12U Low-Profile Switch-Depth Wall-Mount Rack Enclosure Cabinet
SRW21U TRIPPLITE-SRW21U Datasheet
188Kb / 3P
SmartRack 21U Low-Profile Switch-Depth Wall-Mount Rack Enclosure Cabinet
SRWF12U38 TRIPPLITE-SRWF12U38 Datasheet
165Kb / 3P
SmartRack 12U Low-Profile Vertical-Mount Server-Depth Wall-Mount Rack Enclosure Cabinet
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com