Electronic Components Datasheet Search
  English  ▼

X  

PI5C3306LE Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI5C3306LE
Description  2-Bit Bus Switch with Active Low Enables
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5C3306LE Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI5C3306LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5C3306LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5C3306LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5C3306LE Datasheet HTML 4Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
PS8857B
09/27/10
Features
Î
Near zero propagation delay
Î
5-ohm switches connect inputs to outputs
Î
Direct bus connection when switches are ON
Î
Ultra Low Quiescent Power (0.2µA typical)
– Ideally suited for notebook applications
Î
Packages available (Pb-free and Green available):
– 8-pin, 173-mil wide plastic TSSOP (L)
Description
The PI5C3306 is a 2-bit bus switch designed with two 5-ohm
bus switches with fast individual enables. When enabled via
the associated Bus Enable (BE) pin, the “A” pin is directly con-
nected to the “B” pin for that particular gate. The bus switch in-
troduces no additional propagation delay or additional ground
bounce noise. The PI5C3306 device has active LOW enables.
Product Pin Configuration
BE1
A1
B1
GND
1
2
3
4
8
7
6
5
VCC
BE2
B2
A2
Pin Description
Pin Name
Description
BEn
Switch Enable
A2-A1
Bus A
B2-B1
Bus B
VCC
Power
GND
Ground
Logic Block Diagram
A1
B1
BE1
A2
B2
BE2
Truth Table (1)
BEn
An
Bn
VCC
Function
X*
Hi-Z
Hi-Z
GND
Disconnect
H
Hi-Z
Hi-Z
VCC
Disconnect
L
Bn
An
VCC
Connect
Notes:
1.H=High Voltage Level, L=Low Voltage Level
2.Hi-Z=High Impendance, X=Don't Care
*A pull-up resistor should be provided for power-up protection.
PI5C3306
2-Bit Bus Switch with
Active Low Enables
10-0213


Similar Part No. - PI5C3306LE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5C3306L PERICOM-PI5C3306L Datasheet
40Kb / 3P
2-Bit Bus Switch with Active Low Enables
More results

Similar Description - PI5C3306LE

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
VS3125 VAISH-VS3125 Datasheet
60Kb / 6P
Quad Bus Switch with Individual Active Low Enables
VS3V125 VAISH-VS3V125 Datasheet
62Kb / 6P
3.3V Quad Bus Switch with Individual Active Low Enables
logo
Pericom Semiconductor C...
PI5C3305 PERICOM-PI5C3305 Datasheet
38Kb / 3P
2-Bit Bus Switch with Individual Enables
PI5C3306 PERICOM-PI5C3306 Datasheet
40Kb / 3P
2-Bit Bus Switch with Active Low Enables
PI5C3308 PERICOM-PI5C3308 Datasheet
53Kb / 3P
2- Bit Bus Switch with Active Low Enable
logo
Integrated Device Techn...
IDT74CBTLVR3862 IDT-IDT74CBTLVR3862 Datasheet
68Kb / 5P
LOW-VOLTAGE 10-BIT BUS SWITCH WITH ACTIVE HIGH AND LOW ENABLES
IDT74CBTLV3862 IDT-IDT74CBTLV3862 Datasheet
64Kb / 5P
LOW-VOLTAGE 10-BIT BUS SWITCH WITH ACTIVE HIGH AND LOW ENABLES
logo
Pericom Semiconductor C...
PI5C3305 PERICOM-PI5C3305_09 Datasheet
490Kb / 6P
2-Bit Bus Switch with Individual Enables
logo
Integrated Device Techn...
IDT74CBTLV3862 IDT-IDT74CBTLV3862_14 Datasheet
97Kb / 5P
LOW-VOLTAGE 10-BIT BUS SWITCH WITH ACTIVE HIGH AND LOW ENABLES
logo
Renesas Technology Corp
IDT74CBTLV3862 RENESAS-IDT74CBTLV3862 Datasheet
252Kb / 6P
LOW-VOLTAGE 10-BIT BUS SWITCH WITH ACTIVE HIGH AND LOW ENABLES
DECEMBER 2014
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com