Electronic Components Datasheet Search
  English  ▼

X  

HZ Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # HZ
Description  Silicon Epitaxial Planar Zener Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

HZ Datasheet(HTML) 1 Page - Nanjing International Group Co

  HZ Datasheet HTML 1Page - Nanjing International Group Co HZ Datasheet HTML 2Page - Nanjing International Group Co HZ Datasheet HTML 3Page - Nanjing International Group Co HZ Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HZ Series
Silicon Epitaxial Planar Zener Diodes
for stabilized power supply
Features
• Low leakage, low zener impedance and maximum
power dissipation of 500 mW are ideally suited for
stabilized power supply, etc.
• Wide spectrum from 1.6 V through 38 V of zener
voltage provide flexible application.
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Power Dissipation
Ptot
500
mW
Junction Temperature
Tj
175
O
C
Storage Temperature Range
Tstg
- 55 to + 175
O
C
Characteristics at Ta = 25 OC (VF = 1 V Max. at IF = 100 mA)
Zener Voltage
1)
Reverse Leakage Current
Dynamic Resistance
VZ
at lZT
IR
at VR
ZZT
at lZT
Type
Min. (V)
Max. (V)
(mA)
Max. (µA)
(V)
Max. (Ω)
(mA)
HZ2A1
1.6
1.8
5
25
0.5
100
5
HZ2A2
1.7
1.9
5
25
0.5
100
5
HZ2A3
1.8
2
5
25
0.5
100
5
HZ2B1
1.9
2.1
5
5
0.5
100
5
HZ2B2
2
2.2
5
5
0.5
100
5
HZ2B3
2.1
2.3
5
5
0.5
100
5
HZ2C1
2.2
2.4
5
5
0.5
100
5
HZ2C2
2.3
2.5
5
5
0.5
100
5
HZ2C3
2.4
2.6
5
5
0.5
100
5
HZ3A1
2.5
2.7
5
5
0.5
100
5
HZ3A2
2.6
2.8
5
5
0.5
100
5
HZ3A3
2.7
2.9
5
5
0.5
100
5
HZ3B1
2.8
3
5
5
0.5
100
5
HZ3B2
2.9
3.1
5
5
0.5
100
5
HZ3B3
3
3.2
5
5
0.5
100
5
HZ3C1
3.1
3.3
5
5
0.5
100
5
HZ3C2
3.2
3.4
5
5
0.5
100
5
HZ3C3
3.3
3.5
5
5
0.5
100
5
HZ4A1
3.4
3.6
5
5
1
100
5
HZ4A2
3.5
3.7
5
5
1
100
5
HZ4A3
3.6
3.8
5
5
1
100
5
HZ4B1
3.7
3.9
5
5
1
100
5
HZ4B2
3.8
4
5
5
1
100
5
HZ4B3
3.9
4.1
5
5
1
100
5
HZ4C1
4
4.2
5
5
1
100
5
HZ4C2
4.1
4.3
5
5
1
100
5
Max. 3.9
Max. 1.9
Glass Case DO-35
Max. 0.5
Min. 27.5
Min. 27.5
XXX
Cathode Band
Part No.
Dimensions in mm
Black
Black


Similar Description - HZ

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ZM-PTZ10B SEMTECH-ZM-PTZ10B Datasheet
286Kb / 3P
SILICON EPITAXIAL PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
ZM-PTZ3V6B SEMTECH_ELEC-ZM-PTZ3V6B Datasheet
180Kb / 2P
SILICON EPITAXIAL PLANAR ZENER DIODES
BTZS4678 SEMTECH_ELEC-BTZS4678 Datasheet
292Kb / 4P
SILICON EPITAXIAL PLANAR ZENER DIODES
BZX55T2V4 SEMTECH_ELEC-BZX55T2V4 Datasheet
255Kb / 4P
SILICON EPITAXIAL PLANAR ZENER DIODES
BZX83C SEMTECH_ELEC-BZX83C Datasheet
162Kb / 2P
SILICON EPITAXIAL PLANAR ZENER DIODES
21/06/2007
BZT55C2V4 SEMTECH_ELEC-BZT55C2V4 Datasheet
312Kb / 5P
SILICON EPITAXIAL PLANAR ZENER DIODES
BZT-RLZ2V2A SEMTECH_ELEC-BZT-RLZ2V2A Datasheet
300Kb / 5P
SILICON EPITAXIAL PLANAR ZENER DIODES
2V2BC SEMTECH_ELEC-2V2BC Datasheet
306Kb / 3P
Silicon Epitaxial Planar Zener Diodes
logo
Nanjing International G...
ZMC1 DGNJDZ-ZMC1 Datasheet
80Kb / 2P
Silicon Epitaxial Planar Zener Diodes
ZMM1B DGNJDZ-ZMM1B Datasheet
167Kb / 8P
Silicon Epitaxial Planar Zener Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com