Electronic Components Datasheet Search
  English  ▼

X  

KMB22F Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # KMB22F
Description  Schottky Surface Mount Flat Bridge Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

KMB22F Datasheet(HTML) 1 Page - Nanjing International Group Co

  KMB22F Datasheet HTML 1Page - Nanjing International Group Co KMB22F Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KMB22F-KMB210F
Schottky Surface Mount Flat Bridge Rectifier
Features
●
Low profile package
●
Ideal for automated placement
●
Ultrafast reverse recovery time
●
Low power losses, high efficiency
●
Low forward voltage drop
●
High surge capability
●
High temperature soldering:
260℃/10 seconds at terminals
●
Component in accordance to
RoHS 2002/95/1 and WEEE 2002/96/EC
Mechanical Date
●
Case:
MBF molded plastic body over
Schottky barrier chips
●
Terminals:
Solder plated, solderable per
J-STD-002B and JESD22-B102D
●
Polarity:
Polarity symbols marked on body
Maximum Ratings & Thermal Characteristics & Electrical Characteristics
(TA = 25 °C unless otherwise noted)
Symbol
KMB22F KMB24F KMB26F KMB28F KMB210F
UNIT
VRRM
20
40
60
80
100
V
VRMS
14
28
42
56
70
V
VDC
20
40
60
80
100
V
IF(AV)
A
IFSM
A
VF
0.50
0.55
0.70
V
IR
mA
CJ
pF
RθJA
RθJL
℃
/ W
TJ
℃
TSTG
℃
Note:1.Thermal resistance from junction to ambient and from junction to lead P.C.B.mounted on 0.2×0.2"(5.0×5.0mm)copper pad areas.
Storage temperature range
Typical Thermal resistance (Note1)
Operating junction temperature range
Peak forward surge current 8.3 ms single half sine-
wave superimposed on rated load
Maximum instantaneous forward voltage at 2.0A
Maximum repetitive peak reverse voltage
85
20
–55 to +125
– 55 to +150
Maximum DC reverse current
TA = 25 ℃
at Rated DC blocking voltage
TA = 100℃
Typical Junction Capacitance at 4.0V,1.0MHz
250
0.5
20
125
50
0.85
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
0.2×0.2"(5.0×5.0mm)copper pad area
2.0


Similar Part No. - KMB22F

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
KMB22F JUXING-KMB22F Datasheet
926Kb / 2P
Schottky Surface Mount Flat Bridge Rectifier
logo
PACELEADER INDUSTRIAL
KMB22F PACELEADER-KMB22F Datasheet
293Kb / 2P
MINI SURFACE MOUNT SCHOTTKKY Y BARRIER
logo
Microdiode Semiconducto...
KMB22F CHENDA-KMB22F Datasheet
522Kb / 2P
Schottky Surface Mount Flat Bridge Rectifier
logo
DIYI Electronic Technol...
KMB22F DYELEC-KMB22F Datasheet
1Mb / 2P
Schottky Brrier Chip
logo
Zibo Seno Electronic En...
KMB22F ZSELEC-KMB22F Datasheet
394Kb / 2P
2.0A SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIER
More results

Similar Description - KMB22F

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
KMB22FGW JUXING-KMB22FGW Datasheet
916Kb / 2P
schottky Surface Mount Flat Bridge Rectifier
KMB22F JUXING-KMB22F Datasheet
926Kb / 2P
Schottky Surface Mount Flat Bridge Rectifier
KMB12FGW JUXING-KMB12FGW Datasheet
1Mb / 2P
Schottky Surface Mount Flat Bridge Rectifier
logo
List of Unclassifed Man...
MBF2 ETC2-MBF2 Datasheet
526Kb / 2P
Schottky Surface Mount Flat Bridge Rectifier
logo
Shenzhen Luguang Electr...
MBF10 LUGUANG-MBF10 Datasheet
526Kb / 2P
Schottky Surface Mount Flat Bridge Rectifier
logo
Microdiode Semiconducto...
KMB12F CHENDA-KMB12F Datasheet
510Kb / 2P
Schottky Surface Mount Flat Bridge Rectifier
KMB22F CHENDA-KMB22F Datasheet
522Kb / 2P
Schottky Surface Mount Flat Bridge Rectifier
MB22S CHENDA-MB22S Datasheet
683Kb / 2P
Schottky Surface Mount Flat Bridge Rectifier
KMB24F CHENDA-KMB24F_V01 Datasheet
458Kb / 2P
Schottky Surface Mount Flat Bridge Rectifier
MB24S CHENDA-MB24S_V01 Datasheet
424Kb / 2P
Schottky Surface Mount Flat Bridge Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com