Electronic Components Datasheet Search
  English  ▼

X  

MMBT4401 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # MMBT4401
Description  NPN Silicon General Purpose Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

MMBT4401 Datasheet(HTML) 2 Page - Nanjing International Group Co

  MMBT4401 Datasheet HTML 1Page - Nanjing International Group Co MMBT4401 Datasheet HTML 2Page - Nanjing International Group Co MMBT4401 Datasheet HTML 3Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MMBT4401
Characteristics at Ta = 25 OC
Parameter
Symbol
Min.
Max.
Unit
DC Current Gain
at VCE = 1 V, IC = 0.1 mA
at VCE = 1 V, IC = 1 mA
at VCE = 1 V, IC = 10 mA
at VCE = 1 V, IC = 150 mA
at VCE = 2 V, IC = 500 mA
hFE
hFE
hFE
hFE
hFE
20
40
80
100
40
-
-
-
300
-
-
-
-
-
-
Collector Emitter Saturation Voltage
at IC = 150 mA, IB = 15 mA
at IC = 500 mA, IB = 50 mA
VCEsat
VCEsat
-
-
0.4
0.75
V
V
Base Emitter Saturation Voltage
at IC = 150 mA, IB = 15 mA
at IC = 500 mA, IB = 50 mA
VBEsat
VBEsat
0.75
-
0.95
1.2
V
V
Collector Cutoff Current
at VCB = 35 V
ICBO
-
0.1
µA
Base Cutoff Current
at VEB = 5 V
IEBO
-
0.1
µA
Collector Base Breakdown Voltage
at IC= 0.1mA
V(BR)CBO
60
-
V
Collector Emitter Breakdown Voltage
at IC = 1 mA
V(BR)CEO
40
-
V
Emitter Base Breakdown Voltage
at IE = 0.1 mA
V(BR)EBO
6
-
V
Current Gain Bandwidth Product
at VCE = 10 V, IC = 20 mA, f = 100 MHz
fT
250
-
MHz
Collector Base Capacitance
at VCB = 5 V, IE = 0, f = 1 MHz
Ccb
-
6.5
pF
Emitter Base Capacitance
at VEB = 0.5 V, IC = 0, f = 1 MHz
Ceb
-
30
pF
Input Impedance
at IC = 1 mA, VCE = 10 V, f = 1 KHz
hie
1
15
KΩ
Voltage Feedback Ratio
at IC = 1 mA, VCE = 10 V, f = 1 KHz
hre
0.1
8
X 10
-4
Small Signal Current Gain
at IC = 1 mA, VCE = 10 V, f = 1 KHz
hfe
40
500
-
Output Admittance
at IC = 1 mA, VCE = 10 V, f = 1 KHz
hoe
1
100
µmhos
Delay Time
td
-
15
ns
Rise Time
VCC = 30 V, VEB = 2 V,
IC = 150 mA, IB1 = 15 mA
tr
-
20
ns
Storage Time
ts
-
225
ns
Fall Time
VCC = 30 V, IC = 150 mA,
IB1 = IB2 = 15 mA
tf
-
30
ns



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com