Electronic Components Datasheet Search
  English  ▼

X  

TS4K80 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS4K80
Description  4A, 400V - 800V Glass Passivated Bridge Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS4K80 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS4K80 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS4K80 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS4K80 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS4K80 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PART NO.
*: Optional available
PART NO.
RATINGS AND CHARACTERISTICS CURVES
(TA=25°C unless otherwise noted)
Document Number: DS_D1311036
Version: E15
TS4K80
TS4K80HD3G
PART NO.
SUFFIX
H
AEC-Q101 qualified
Green compound
DESCRIPTION
G
D3
Note 1: "xx" defines voltage from 400V (TS4K40) to 800V (TS4K80)
TS4Kxx
(Note 1)
G
PART NO.
SUFFIX
H
Forming
20 / TUBE
PACKING
ORDERING INFORMATION
TS4K
X0
TS4K
TS4K40 - TS4K80
Taiwan Semiconductor
PACKING
CODE
PACKING CODE
SUFFIX (*)
PACKAGE
D3
EXAMPLE
PREFERRED P/N
PACKING CODE
PACKING CODE
SUFFIX
0
1
2
3
4
5
0
50
100
150
CASE TEMPERATURE (°C)
FIG.1 MAXIMUM FORWARD CURRENT
DERATING CURVE
RESISTIVE OR
INDUCTIVE LOAD
WITH HEATSINK
0
25
50
75
100
125
150
175
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 3 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
8.3ms Single Half Sine Wave
0.001
0.01
0.1
1
10
100
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 2 TYPICAL REVERSE CHARACTERISTICS
TJ=25°C
TJ=125°C
0.1
1
10
100
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
INSTANTANEOUS FORWARD VOLTAGE (V)
FIG. 4 TYPICAL FORWARD CHARACTERISTICS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com