Electronic Components Datasheet Search
  English  ▼

X  

TS10B02G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS10B02G
Description  10A, 50V - 1000V Glass Passivated Bridge Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS10B02G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS10B02G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS10B02G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS10B02G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS10B02G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
- Glass passivated junction
- Ideal for printed circuit board
- High case dielectric strength of 2000VRMS
- Reliable low cost construction
- UL Recognized File # E-326243
- Halogen-free according to IEC 61249-2-21
Molding compound, UL flammability classification rating 94V-0
Part no. with suffix "H" means AEC-Q101 qualified
Packing code with suffix "G" means green compound (halogen-free)
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 2 whisker test
VRRM
50
100
200
400
600
800
1000
V
VRMS
35
70
140
280
420
560
700
V
VDC
50
100
200
400
600
800
1000
V
IF(AV)
A
I
2t
A
2s
RθJC
°C/W
TJ
°C
TSTG
°C
Document Number: DS_D1311041
Version: H15
Operating junction temperature range
- 55 to +150
Storage temperature range
- 55 to +150
Note 1: Pulse test with PW=300μs, 1% duty cycle
IR
10
500
μA
Typical thermal resistance
A
1.4
Rating for fusing (t<8.3ms)
93
Maximum instantaneous forward voltage (Note 1)
@ 5 A
@ 10 A
VF
1.0
1.1
Maximum reverse current @ rated VR
TJ=25°C
TJ=125°C
UNIT
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
V
Maximum average forward rectified current
10
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
150
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
PARAMETER
SYMBOL
TS10B
01G
TS10B
02G
TS10B
03G
TS10B
04G
TS10B
05G
TS10B
06G
TS10B
07G
TS4B
MECHANICAL DATA
Case:
TS4B
Polarity:
Polarity as marked on the body
Mounting torque:
5 in-lbs maximum
Weight:
4 g (approximately)
TS10B01G - TS10B07G
Taiwan Semiconductor
10A, 50V - 1000V Glass Passivated Bridge Rectifiers
FEATURES
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
+
~
~ –


Similar Part No. - TS10B02G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS10B02G TSC-TS10B02G Datasheet
109Kb / 2P
Single Phase 10.0 Amps. Glass Passivated Bridge Rectifiers
TS10B02G TSC-TS10B02G Datasheet
194Kb / 2P
Single Phase 10.0 Amps. Glass Passivated Bridge Rectifiers
TS10B02G TSC-TS10B02G Datasheet
132Kb / 2P
Single Phase 10.0 AMPS. Glass Passivated Bridge Rectifiers
TS10B02G TSC-TS10B02G Datasheet
218Kb / 4P
Glass Passivated Bridge Rectifiers
More results

Similar Description - TS10B02G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
DBLS101G TSC-DBLS101G_16 Datasheet
208Kb / 4P
1A, 50V - 1000V Glass Passivated Bridge Rectifiers
GBU1001 TSC-GBU1001_16 Datasheet
213Kb / 4P
10A, 50V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
TS15P01G TSC-TS15P01G_16 Datasheet
207Kb / 4P
15A, 50V - 1000V Glass Passivated Bridge Rectifiers
TS20P01G TSC-TS20P01G_16 Datasheet
206Kb / 4P
20A, 50V - 1000V Glass Passivated Bridge Rectifiers
TS25P04G-K TSC-TS25P04G-K_16 Datasheet
207Kb / 4P
25A, 50V - 1000V Glass Passivated Bridge Rectifiers
logo
Taiwan Memory Technolog...
GP1001 TMT-GP1001_16 Datasheet
202Kb / 4P
10A, 50V - 1000V Glass Passivated Rectifiers
TS6P01G TMT-TS6P01G_16 Datasheet
206Kb / 4P
6A, 50V - 1000V Glass Passivated Bridge Rectifiers
TS8P01G TMT-TS8P01G_16 Datasheet
341Kb / 4P
8A, 50V - 1000V Glass Passivated Bridge Rectifiers
logo
SeCoS Halbleitertechnol...
D10JB05 SECOS-D10JB05 Datasheet
182Kb / 2P
50V ~ 1000V, 10A Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
TS10P01G-K TSC-TS10P01G-K Datasheet
391Kb / 6P
10A, 50V - 1000V Glass Passivated Bridge Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com