Electronic Components Datasheet Search
  English  ▼

X  

PI5USB2544 Datasheet(PDF) 19 Page - Pericom Semiconductor Corporation

Part # PI5USB2544
Description  USB Charging Port Controller and Detection Power Switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5USB2544 Datasheet(HTML) 19 Page - Pericom Semiconductor Corporation

Back Button PI5USB2544 Datasheet HTML 14Page - Pericom Semiconductor Corporation PI5USB2544 Datasheet HTML 15Page - Pericom Semiconductor Corporation PI5USB2544 Datasheet HTML 16Page - Pericom Semiconductor Corporation PI5USB2544 Datasheet HTML 17Page - Pericom Semiconductor Corporation PI5USB2544 Datasheet HTML 18Page - Pericom Semiconductor Corporation PI5USB2544 Datasheet HTML 19Page - Pericom Semiconductor Corporation PI5USB2544 Datasheet HTML 20Page - Pericom Semiconductor Corporation PI5USB2544 Datasheet HTML 21Page - Pericom Semiconductor Corporation PI5USB2544 Datasheet HTML 22Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
|||||||||||||||||
2015-08-0009
PT0514-4
08/24/15
19
PI5USB2544
USB Charging Port Controller and Detection Power Switch
CDP/SDP Auto Switch
PI5USB2544 is equipped with a CDP/SDP auto-switch feature to support some popular phones in the market that are not
compliant to the BC1.2 specification, as they fail to establish data connection in CDP mode. These phones use primary
detection (used to distinguish between an SDP and different types of Charging Ports) to only identify ports as SDP (data / no
charge) or DCP (no data / charge). They do not recognize CDP (data /charge) ports. When connected to a CDP port, these
phones classify the port as a DCP and will only charge. Since charging ports are configured as CDP when the computer is in S0,
users do not get the expected data connection.
To remedy this problem PI5USB2544 employs a CDP/SDP Auto Switch scheme to ensure these BC1.2 non-compliant phones
will establish data connection by following below steps:
The PI5USB2544 will determine when a non-compliant phone has wrongly classified a CDP port as a DCP port and
has not made a data connection
The PI5USB2544 will then automatically do a OUT (VBUS) discharge and reconfigure the port as an SDP
This allows the phone to discover it is now connected to an SDP and establish a data connection
The PI5USB2544 will then switch automatically back to CDP without doing an OUT (VBUS) discharge
The phone will continue to operate like it is connected to a SDP since OUT (VBUS) was not interrupted
The port is now ready in CDP if a new device is attached
Over-Current Protection
When an over-current condition is detected, the device maintains a constant output current and reduces the output voltage
accordingly. Two possible overload conditions can occur. In the first condition, the output has been shorted before the device is
enabled or before VIN has been applied. The PI5USB2544 the short and immediately switches into a constant-current output. In
the second condition, a short or an overload occurs while the device is enabled. At the instant the overload occurs, high currents
may flow for nominally one to two microseconds before the current-limit circuit can react. The device operates in constant-
current mode after the current-limit circuit has responded. Complete shutdown occurs only if the fault is presented long enough
to activate thermal limiting. The device will remain off until the junction temperature cools approximately 20°C and will then
re-start. The device will continue to cycle on/off until the over-current condition is removed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com