Electronic Components Datasheet Search
  English  ▼

X  

PI5V330 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI5V330
Description  Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5V330 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI5V330_13 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5V330_13 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5V330_13 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5V330_13 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5V330_13 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5V330_13 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5V330_13 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5V330_13 Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
PS7032I
01/14/13
PI5V330
Low On-Resistance Wideband/Video
Quad 2-Channel Mux/DeMux
StorageTemperature..........................................................–65°Cto+150°C
AmbientTemperaturewithPowerApplied.........................–40°Cto+85°C
SupplyVoltagetoGroundPotential(Inputs&VCCOnly)...–0.5Vto+7.0V
SupplyVoltagetoGroundPotential(Outputs&D/OOnly) –0.5Vto+7.0V
DCInputVoltage..................................................................–0.5Vto+7.0V
DCOutputCurrent.............................................................................120mA
PowerDissipation.................................................................................0.5W
Note:
StressesgreaterthanthoselistedunderMAXIMUMRAT-
INGSmaycausepermanentdamagetothedevice.Thisis
astressratingonlyandfunctionaloperationofthedevice
attheseoranyotherconditionsabovethoseindicatedinthe
operationalsectionsofthisspecificationisnotimplied.Ex-
posuretoabsolutemaximumratingconditionsforextended
periodsmayaffectreliability.
Notes:
1. ForMax.orMin.conditions,useappropriatevaluespecifiedunderElectricalCharacteristicsfortheapplicabledevicetype.
2. TypicalvaluesareatVCC=5.0V,TA =25°Cambientandmaximumloading.
3. MeasuredbythevoltagedropbetweenS1,S2,andDI/Opinsatindicatedcurrentthroughtheswitch.On-Resistanceisdeterminedbythe
lowerofthevoltagesontheS1,S2,andDI/Opins.
Maximum Ratings
(Abovewhichtheusefullifemaybeimpaired.Foruserguidelines,nottested.)
DC Electrical Characteristics (OvertheOperatingRange,TA = –40°Cto+85°C,VCC=5V±5%)
Parameters
Description
Test Conditions(1)
Min.
Typ.(2) Max. Units
VANALOG
AnalogSignalRange
0
2.0
V
VIH
InputHIGHVoltage
GuaranteedLogicHIGHLevel
2.0
VIL
InputLOWVoltage
GuaranteedLogicLOWLevel
–0.5
0.8
IIH
InputHIGHCurrent
VCC=Max.,VIN=VCC
±1
µA
IIL
InputLOWCurrent
VCC=Max.,VIN=GND
±1
IO
AnalogOutputLeakageCurrent
0≤S1,S2orD≤VCC,SwitchOFF
±1
VIK
ClampDiodeVoltage
VCC=Min.,IIN=-18mA
-0.7
-1.2
V
VH
InputHysteresisatControlPins
150
mV
RON
SwitchOn-Resistance(3)
VCC=Min.,VIN=1.0V,
ION=13mA
5
7
Ω
VCC=Min.,VIN=2.0V,
ION=26mA
7
10
13-0017



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com