Electronic Components Datasheet Search
  English  ▼

X  

ZMD75 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # ZMD75
Description  Surface mount Silicon-Zener Diodes (non-planar technology)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

ZMD75 Datasheet(HTML) 2 Page - Diotec Semiconductor

  ZMD75 Datasheet HTML 1Page - Diotec Semiconductor ZMD75 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1) Notes see previous page – Fußnoten siehe vorhergehende Seite
197
28.02.2002
ZMD 1 … ZMD 100 (1 W)
Maximum ratings
Grenzwerte
Type
Typ
Zener voltage 2)
Zener-Spanng.2)
I
Z = 5 mA
V
zmin [V] Vzmax
Dynamic resistance
Inhär. diff. Widerstand
r
zj [
S] at f = 1 kHz
I
Z = 5 mA
I
Z = 1 mA
Temp. Coeffiz.
of Z-voltage
…der Z-spanng.
"
VZ [10
-4 /
/C]
Reverse volt.
Sperrspanng.
I
R = 500 nA
V
Rmin [V]
Z-current 1)
Z-Strom 1)
T
A = 25
/C
I
Zmax [mA]
ZMD 1 3)
0.71
0.82
6.5 (<8)
–
–26…–23
–
500
ZMD 3.9
3.7
4.1
80 (<95)
–
–9…–4
–
244
ZMD 4.3
4.0
4.6
80 (<95)
–
–9…–3
–
217
ZMD 4.7
4.4
5.0
70 (<78)
< 1400
–8…–3
–
200
ZMD 5.1
4.8
5.4
30 (<60)
< 700
–8…–3
0.5 (1
:A)
185
ZMD 5.6
5.2
6.0
10 (<40)
< 500
–7…–3
1 (1
:A)
167
ZMD 6.2
5.8
6.6
4.8 (<11)
< 300
–6…–1
1.5 (1
:A)
152
ZMD 6.8
6.4
7.2
4.5 (<10)
< 300
–5…+2
2 (1
:A)
139
ZMD 7.5
7.0
7.9
4.0 (<8)
< 100
–3…+4
3.5
127
ZMD 8.2
7.7
8.7
4.5 (<10)
< 50
–2…+6
5
115
ZMD 9.1
8.5
9.6
4.8 (<11)
< 50
–1…+7
6
104
ZMD 10
9.4
10.6
5.2 (<15)
< 70
+2…+7
7
94
ZMD 11
10.4
11.6
6 (<20)
< 70
+3…+7
7
86
ZMD 12
11.4
12.7
7 (<20)
< 90
+4…+7
8
79
ZMD 13
12.4
14.1
9 (<25)
< 110
+5…+8
9
71
ZMD 15
13.8
15.6
11 (<30)
< 110
+5…+8
10
64
ZMD 16
15.3
17.1
13 (<40)
< 170
+5…+9
11
58
ZMD 18
16.8
19.1
18 (<50)
< 170
+6…+9
12
52
ZMD 20
18.8
21.2
20 (<50)
< 220
+7…+9
13
47
ZMD 22
20.8
23.3
25 (<55)
< 220
+7…+9
15
43
ZMD 24
22.8
25.6
28 (<80)
< 220
+7…+9.5
16
39
ZMD 27
25.1
28.9
30 (<80)
< 250
+8…+9.5
18
35
ZMD 30
28
32
35 (<80)
< 250
+8…+9.5
20
31
ZMD 33
31
35
40 (<80)
< 250
+8…+10
22
29
ZMD 36
34
38
40 (<90)
< 300
+8…+10
24
26
ZMD 39
37
41
50 (<90)
< 500
+8…+10
26
24
ZMD 43
40
46
60 (<100)
< 700
+8…+10
28
22
ZMD 47
44
50
70 (<100)
< 750
+8…+10
31
20
ZMD 51
48
54
70 (<100)
< 750
+8…+10
34
19
ZMD 56
52
60
70 (<100)
< 750
+9…+11
36
17
ZMD 62
58
66
80 (<110)
< 750
+9…+11
41
15
ZMD 68
64
72
90 (<140)
< 750
+9…+12
45
14
ZMD 75
70
79
95 (<150)
< 750
+9…+12
49
13
ZMD 82
77
88
100 (<170)
< 750
+9…+12
54
11
ZMD 91
85
96
130 (<200)
< 800
+10…+12
59
10
ZMD 100
94
106
200 (<300)
< 800
+10…+12
66
9



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com