Electronic Components Datasheet Search
  English  ▼

X  

D882 Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # D882
Description  TO-126 Plastic-Encapsulate Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

D882 Datasheet(HTML) 1 Page - Nanjing International Group Co

  D882 Datasheet HTML 1Page - Nanjing International Group Co D882 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/2
TO-126
TO-126
TO-126
TO-126 Plastic-Encapsulate
Plastic-Encapsulate
Plastic-Encapsulate
Plastic-Encapsulate Transistors
Transistors
Transistors
Transistors
D882
D882
D882
D882 TRANSISTOR (NPN)
FEA TURES
Power Dissipation
MAXIMUM
MAXIMUM
MAXIMUM
MAXIMUM RATINGS
RATINGS
RATINGS
RATINGS (TA=25℃ unless otherwise noted)
Symbol
Symbol
Symbol
Symbol
(符号)
Parameter
Parameter
Parameter
Parameter
(参数名称)
Value
Value
Value
Value
(额定值)
Units
Units
Units
Units
(单位)
VCBO
VCBO
VCBO
VCBO
Collector-Base Voltage (集电极-基极电压)
40
V
VCEO
VCEO
VCEO
VCEO
Collector-Emitter Voltage (集电极-发射极电压)
30
V
VEBO
VEBO
VEBO
VEBO
Emitter-Base Voltage (发射极-基极电压)
6
V
IC
IC
IC
IC
Collector Current -Continuous (集电极电流)
3.0
A
PC
PC
PC
PC
Collector Power Dissipation (耗散功率)
1.25
W
Tj
Tj
Tj
Tj
Junction Temperature (结温)
150
℃
Tstg
Tstg
Tstg
Tstg
Storage Temperature (储存温度)
-55-150
℃
ELECTRICAL
ELECTRICAL
ELECTRICAL
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS (Tamb=25℃unless otherwise specified)
Parameter
Parameter
Parameter
Parameter
(参数名称)
Symbol
Symbol
Symbol
Symbol
(符号)
Test
Test
Test
Test conditions
conditions
conditions
conditions
(测试条件)
MIN
MIN
MIN
MIN
(最小值)
TYP
TYP
TYP
TYP
(典型值)
MAX
MAX
MAX
MAX
(最大值)
UNIT
UNIT
UNIT
UNIT
(单位)
Collector-base breakdown voltage
集电极-基极击穿电压
V(BR)CBO
IC= 100μA, IE=0
40
V
Collector-emitter breakdown voltage
集电极-发射极击穿电压
V(BR)CEO
IC= 1mA, IB=0
30
V
Emitter-base breakdown voltage
发射极-基极击穿电压
V(BR)EBO
IE=100μA, IC=0
6
V
Collector cut-off current
集电极-基极截止电流
ICBO
VCB=30 V , IE=0
1
μA
Collector cut-off current
集电极-发射极截止电流
ICEO
VCE=25V ,
IB=0
10
μA
Emitter cut-off current
发射极-基极截止电流
IEBO
VEB=5V , IC=0
1
μA
DC current gain
直流电流增益
hFE
VCE=2V, IC= 1A
100
400
DC current gain
直流电流增益
hFE
VCE=2V, IC= 20mA
80
Collector-emitter saturation voltage
集电极-发射极饱和压降
VCE(sat)
IC=2A, IB=200mA
0.5
V
Base-emitter saturation voltage
发射极-基极饱和压降
VBE(sat)
IC=2A, IB=200mA
1.2
V
CLASSIFICATION
CLASSIFICATION
CLASSIFICATION
CLASSIFICATION OF
OF
OF
OF
hFE
hFE
hFE
hFE
Range
Range
Range
Range
100-200
200-300
300-400
TO-126
TO-126
TO-126
TO-126
1.
EMITTER
2.
COLLECTOR
3.
BASE
123
DONGGUAN NANJING ELECTRONICS LTD.,


Similar Part No. - D882

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D882 ETC-D882 Datasheet
1Mb / 1P
TO-126 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
D882 JIANGSU-D882 Datasheet
131Kb / 2P
TRANSISTOR竊?NPN 竊
D882 JIANGSU-D882 Datasheet
1,017Kb / 3P
TRANSISTOR竊뉿PN竊
logo
Stanson Technology
D882 STANSON-D882 Datasheet
22Kb / 1P
PNP TRANSISTOR
logo
List of Unclassifed Man...
D882 ETC1-D882 Datasheet
28Kb / 1P
SI NPN TRANSISTOR
More results

Similar Description - D882

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
MJE13003 DGNJDZ-MJE13003 Datasheet
171Kb / 1P
TO-126 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SB1167 JIANGSU-2SB1167 Datasheet
1Mb / 4P
TO-126 Plastic-Encapsulate Transistors
2SC2314 JIANGSU-2SC2314 Datasheet
971Kb / 3P
TO-126 Plastic-Encapsulate Transistors
2SD669AL JIANGSU-2SD669AL Datasheet
1Mb / 4P
TO-126 Plastic-Encapsulate Transistors
3DA882 JIANGSU-3DA882 Datasheet
954Kb / 3P
TO-126 Plastic-Encapsulate Transistors
MJE170 JIANGSU-MJE170 Datasheet
919Kb / 4P
TO-126 Plastic-Encapsulate Transistors
BD138 JIANGSU-BD138 Datasheet
1Mb / 4P
TO-126 Plastic-Encapsulate Transistors
BD233 JIANGSU-BD233 Datasheet
285Kb / 3P
TO-126 Plastic-Encapsulate Transistors
BD433 JIANGSU-BD433 Datasheet
939Kb / 3P
TO-126 Plastic-Encapsulate Transistors
logo
Nanjing International G...
2SC1162 DGNJDZ-2SC1162 Datasheet
1Mb / 3P
TO-126 Plastic-Encapsulate Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com