Electronic Components Datasheet Search
  English  ▼

X  

DC34 Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # DC34
Description  Silicon Bidirectional Trigger Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

DC34 Datasheet(HTML) 1 Page - Nanjing International Group Co

  DC34 Datasheet HTML 1Page - Nanjing International Group Co DC34 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DB3, DB4, DC34
Silicon Bidirectional Trigger Diodes
These diacs are intended for use in thyristor phase control,
circuits for lamp-dimming, universal-motor speed controls, and
heat controls.
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Power Dissipation (Ta = 65 OC)
Ptot
150
mW
Repetitive Peak On-state Current (tp = 20 µs, f = 100 Hz)
ITRM
2
A
Operating Junction and Storage Temperature Range
Tj, Tstg
- 40 to + 125
O
C
Characteristics at Ta = 25 OC
Parameter
Symbol
Min.
Max.
Unit
DB3
28
36
DC34
30
38
Breakover Voltage
at C = 22 nF, see diagram 1
DB4
VBO
35
45
V
Breakover Voltage Symmetry
at C = 22 nF, see diagram 1
[|+VBO|-|-VBO|]
-
3
V
Dynamic Breakover Voltage
at
ΔI = [I
BO to IF = 10 mA]
|
ΔV ± |
5
-
V
Output Voltage
See diagram 2
VO
5
-
V
Breakover Current
at C = 22 nF
IBO
-
50
µA
Leakage Current
at VB = 0.5 VBO max
IB
-
10
µA
Rise Time
See diagram 3
tr
-
2
µs
Max. 3.9
Max. 1.9
Glass Case DO-35
Max. 0.5
Min. 27.5
Min. 27.5
XXX
Part No.
ST
"ST" Brand
Dimensions in mm
Black
Black


Similar Part No. - DC34

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DC34 STMICROELECTRONICS-DC34 Datasheet
43Kb / 4P
TRIGGER DIODES
Apr-1995
logo
Shanghai Lunsure Electr...
DC34 CHENYI-DC34 Datasheet
108Kb / 2P
SILICON BIDIRECTIONAL DIAC
logo
SEMTECH ELECTRONICS LTD...
DC34 SEMTECH_ELEC-DC34 Datasheet
195Kb / 2P
SILICON BIDIRECTIONAL DIACS
logo
Micro Commercial Compon...
DC34 MCC-DC34 Datasheet
413Kb / 3P
SILICON BIDIRECTIONAL DIAC
DC34 MCC-DC34 Datasheet
537Kb / 3P
SILICON BIDIRECTIONAL DIAC
More results

Similar Description - DC34

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BR100-03 DIOTEC-BR100-03 Datasheet
90Kb / 2P
Bidirectional Si-Trigger-Diodes
DB3 DIOTEC-DB3_07 Datasheet
89Kb / 2P
Bidirectional Si-Trigger-Diodes
logo
DONGGUAN YOU FENG WEI E...
DB3W YFWDIODE-DB3W Datasheet
89Kb / 3P
Silicon Bidirectional Trigger Diodes
DB3W-150MW YFWDIODE-DB3W-150MW Datasheet
380Kb / 3P
SILICON BIDIRECTIONAL Trigger Diodes
SOD123FL-DB-DB3W YFWDIODE-SOD123FL-DB-DB3W Datasheet
380Kb / 3P
Silicon Bidirectional Trigger Diodes
SOD123FL YFWDIODE-SOD123FL Datasheet
427Kb / 3P
SILICON BIDIRECTIONAL TRIGGER DIODES
DB3T-SOD123 YFWDIODE-DB3T-SOD123 Datasheet
522Kb / 3P
Silicon Bidirectional Trigger Diodes
DB3W-SOD123FL YFWDIODE-DB3W-SOD123FL Datasheet
428Kb / 3P
SILICON BIDIRECTIONAL Trigger Diodes
DB3W YFWDIODE-DB3W_V01 Datasheet
527Kb / 3P
Silicon Bidirectional Trigger Diodes
logo
Bytesonic Electronics C...
LLDB3 BYTESONIC-LLDB3 Datasheet
166Kb / 2P
Silicon Bidirectional Trigger Diodes
Version 1.0 2019/8/2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com