Electronic Components Datasheet Search
  English  ▼

X  

ZX47 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # ZX47
Description  Silicon-Power-Z-Diodes (non-planar technology)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

ZX47 Datasheet(HTML) 1 Page - Diotec Semiconductor

  ZX47 Datasheet HTML 1Page - Diotec Semiconductor ZX47 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1) Valid if mounted on vertical cooling fin 150 cm2 – Gültig bei Montage auf senkrecht stehendem Kühlblech 150 cm2
1
10.09.2002
ZX 3.9 ... ZX 200 (12.5 W)
Silicon-Power-Z-Diodes
Silizium-Leistungs-Z-Dioden
(non-planar technology)
(flächendiffundierte Dioden)
Maximum power dissipation
12.5 W
Maximale Verlustleistung
Nominal Z-voltage – Nominale Z-Spannung
3.9…200 V
Metal case – Metallgehäuse
DO-4
Weight approx. – Gewicht ca.
5.5 g
Standard polarity:
Cathode to stud / Gewinde
Index R:
Anode to stud / Gewinde (e.g. ZX ...R)
Dimensions / Maße in mm
Standard packaging: bulk
Standard Lieferform: lose im Karton
Standard Zener voltage tolerance is graded to the international E 24 (~5%) standard.
Other voltage tolerances and higher Zener voltages on request.
Die Toleranz der Zener-Spannung ist in der Standard-Ausführung gestuft nach der internationalen
Reihe E 24 (~5%). Andere Toleranzen oder höhere Arbeitsspannungen auf Anfrage.
Maximum ratings
Grenzwerte
Power dissipation without cooling fin
T
A = 25
/CP
tot
1.6 W
Verlustleistung ohne Kühlblech
Power dissipation with cooling fin 150 cm2
T
A = 25
/CP
tot
12.5 W
Verlustleistung mit Kühlblech 150 cm2
Non repetitive peak power dissipation, t < 10 ms
T
A = 25
/CP
ZSM
100 W
Einmalige Impuls-Verlustleistung, t < 10 ms
Admissible torque for mounting on cooling fin
1 Nm
Zulässiges Anzugsdrehmoment
Operating junction temperature – Sperrschichttemperatur
T
j
– 55…+150
/C
Storage temperature – Lagerungstemperatur
T
S
– 55…+175
/C
Thermal resistance junction to ambient air
R
thA
< 80 K/W
Wärmewiderstand Sperrschicht – umgebende Luft
Thermal resistance junction to stud
R
thC
< 5 K/W 1)
Wärmewiderstand Sperrschicht – Schraube
Zener voltages see table on next page – Zener-Spannungen siehe Tabelle auf der nächsten Seite
M5
SW11
7
Type
Ø2


Similar Part No. - ZX47

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
ZX47 DIOTEC-ZX47 Datasheet
114Kb / 2P
Silicon-Power-Z-Diodes (non-planar technology)
logo
New Jersey Semi-Conduct...
ZX47 NJSEMI-ZX47 Datasheet
166Kb / 2P
Silicon Power Z Diodes
logo
Mini-Circuits
ZX47-40 MINI-ZX47-40 Datasheet
358Kb / 4P
Power Detector
ZX47-40+ MINI-ZX47-40+ Datasheet
358Kb / 4P
Power Detector
ZX47-40-S+ MINI-ZX47-40-S+ Datasheet
358Kb / 4P
Power Detector
More results

Similar Description - ZX47

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
ZPY1 DIOTEC-ZPY1 Datasheet
111Kb / 2P
Silicon-Power-Z-Diodes (non-planar technology)
ZY1 DIOTEC-ZY1 Datasheet
111Kb / 2P
Silicon-Power-Z-Diodes (non-planar technology)
1N5345B DIOTEC-1N5345B Datasheet
93Kb / 2P
Silicon-Power-Z-Diodes (non-planar technology)
3EZ1 DIOTEC-3EZ1 Datasheet
112Kb / 2P
Silicon-Power-Z-Diodes (non-planar technology)
BZV58C8V2 DIOTEC-BZV58C8V2 Datasheet
112Kb / 2P
Silicon-Power-Z-Diodes (non-planar technology)
ZPY1 DIOTEC-ZPY1_11 Datasheet
152Kb / 3P
Silicon-Power-Zener Diodes (non-planar technology)
ZX10 DIOTEC-ZX10 Datasheet
114Kb / 2P
Silicon-Power-Z-Diodes (non-planar technology)
ZY10B DIOTEC-ZY10B Datasheet
84Kb / 2P
Silicon Power Z-Diodes (non-planar technology)
ZY1 DIOTEC-ZY1_15 Datasheet
142Kb / 3P
Silicon-Power-Zener Diodes (non-planar technology)
ZY10B DIOTEC-ZY10B_15 Datasheet
83Kb / 2P
Silicon Power Z-Diodes (non-planar technology)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com