Electronic Components Datasheet Search
  English  ▼

X  

5KP10 Datasheet(PDF) 3 Page - Diotec Semiconductor

Part # 5KP10
Description  Unidirectional and bidirectional Transient Voltage Suppressor Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

5KP10 Datasheet(HTML) 3 Page - Diotec Semiconductor

  5KP10 Datasheet HTML 1Page - Diotec Semiconductor 5KP10 Datasheet HTML 2Page - Diotec Semiconductor 5KP10 Datasheet HTML 3Page - Diotec Semiconductor 5KP10 Datasheet HTML 4Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
07.01.2003
5 KP 6.5 ... 5 KP 110CA
Maximum ratings
Grenzwerte
Type
Typ
Stand-off
voltage
Sperrspanng
Max. rev. current
Max. Sperrstrom
at / bei V
WM
Breakdown voltage at I
T = 1 mA
Abbruch-Spannung bei I
T = 1 mA
*) at / bei I
T = 10 mA
Max. clamping voltage
Max. Begrenzer-Spanng
at / bei I
PPM (10/1000
:s)
V
WM [V]
I
D [
:A]
V
BR min. [V]
V
BR max. [V]
V
C [V]
I
PPM [A]
5 KP30A
30
10
33.3
38.3
48.4
103
5 KP33
33
10
36.7
46.5
59.0
85
5 KP33A
33
10
36.7
42.2
53.3
94
5 KP36
36
10
40.0
50.7
64.3
78
5 KP36A
36
10
40.0
46.0
58.1
86
5 KP40
40
10
44.4
56.3
71.4
70
5 KP40A
40
10
44.4
51.1
64.5
78
5 KP43
43
10
47.8
60.5
76.7
65
5 KP43A
43
10
47.8
54.9
69.4
72
5 KP45
45
10
50.0
63.3
80.3
62
5 KP45A
45
10
50.0
57.5
72.7
69
5 KP48
48
10
53.3
67.5
85.5
58
5 KP48A
48
10
53.3
61.3
77.4
65
5 KP51
51
10
56.7
71.8
91.1
55
5 KP51A
51
10
56.7
65.2
82.4
61
5 KP54
54
10
60.0
76.0
96.3
52
5 KP54A
54
10
60.0
69.0
87.1
57
5 KP58
58
10
64.4
81.6
103
49
5 KP58A
58
10
64.4
74.1
93.6
53
5 KP60
60
10
66.7
84.5
107
47
5 KP60A
60
10
66.7
76.7
96.8
52
5 KP64
64
10
71.1
90.1
114
44
5 KP64A
64
10
71.1
81.8
103
49
5 KP70
70
10
77.8
98.6
125
40
5 KP70A
70
10
77.8
89.5
113
44
5 KP75
75
10
83.3
105.7
134
37
5 KP75A
75
10
83.3
95.8
121
41
5 KP78
78
10
86.7
109.8
139
36
5 KP78A
78
10
86.7
99.7
126
40
5 KP85
85
10
94.4
119.2
151
33
5 KP85A
85
10
94.4
108.2
137
36
5 KP90
90
10
100
126.5
160
31
5 KP90A
90
10
100
115.5
146
34
5 KP100
100
10
111
141.0
179
28
5 KP100A
100
10
111
128.0
162
31
5 KP110
110
10
122
154.5
196
26
5 KP110A
110
10
122
140.5
177
28
For bidirectional types (suffix “C” or “CA”), electrical characteristics apply in both directions.
Für bidirektionale Dioden (Suffix “C” oder “CA”) gelten die el. Werte in beiden Richtungen.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com