Electronic Components Datasheet Search
  English  ▼

X  

MMTL431 Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # MMTL431
Description  Programmable Precision Reference
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

MMTL431 Datasheet(HTML) 1 Page - Nanjing International Group Co

  MMTL431 Datasheet HTML 1Page - Nanjing International Group Co MMTL431 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MMTL431
Programmable Precision Reference
Features:
• Programmable output Voltage to 36 V
• Low dynamic output impedance
• Sink current capability of 1 to 100 mA
• Low output noise voltage
• Fast turn on response
Absolute Maximum Ratings (Ta = 25 OC, unless otherwise noted.)
Parameter
Symbol
Value
Unit
Cathode Voltage
VKA
37
V
Cathode Current Range (Continuous)
IKA
- 100 to + 150
mA
Reference Input Current Range
IREF
- 0.05 to + 10
mA
Power Dissipation
PD
350
mW
Operating Temperature Range
Topr
- 25 to + 85
O
C
Junction Temperature
Tj
150
O
C
Storage Temperature Range
Tstg
- 65 to + 150
O
C
Recmmended Operating Conditions
Parameter
Symbol
Min.
Max.
Unit
Cathode Voltage
VKA
VREF
36
V
Cathode Current
IKA
1
100
mA
Characteristics at Ta = 25 OC
Parameter
Symbol
Min.
Typ.
Max.
Unit
Reference Input Voltage
at VKA = VREF, IKA = 10 mA
VREF
2.44
2.495
2.55
V
Deviation of Reference Input Voltage Over Temperatue
at VKA = VREF, IKA = 10 mA, - 25 OC ≤ Ta ≤ + 85 OC
∆VREF
/∆T
-
4.5
17
mV
Ratio of Change in Reference Input Voltage to the Change
in Cathode Voltage
∆VKA = 10 V to VREF
at IKA = 10 mA
∆VKA = 36 V to 10 V
∆VREF/∆
VKA
-
-
-1.0
-0.5
-2.7
-2
mV/V
Reference Input Current
at IKA = 10 mA, R1 = 10 KΩ, R2 = ∞
IREF
-
1.5
4
μA
Deviation of Reference Input Current Over Full Temperatue
at IKA = 10 mA, R1 = 10 KΩ, R2 = ∞, - 25 OC ≤ Ta ≤ + 85 OC
∆IREF/∆T
-
0.4
1.2
μA
Minimum Cathode Current for Regulation
at VKA = VREF
IKA(min)
-
0.45
1
mA
Off-Stage Cathode Current
at VKA = 36 V, VREF = 0
IKA(OFF)
-
0.05
1
μA
Dynamic Impedance
at VKA = VREF, IKA = 1 to 100 mA, f ≤ 1 KHz
ZKA
-
0.15
0.5
Ω
1. Reference 2.Cathode 3. Anode
SOT-23 Plastic Package


Similar Part No. - MMTL431

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MMTL431A DIOTEC-MMTL431A Datasheet
212Kb / 3P
Adjustable Precision Shunt Regulator
MMTL431A DIOTEC-MMTL431A Datasheet
212Kb / 3P
Adjustable Precision Shunt Regulator
MMTL431A DIOTEC-MMTL431A Datasheet
212Kb / 3P
Adjustable Precision Shunt Regulator
MMTL431AR DIOTEC-MMTL431AR Datasheet
212Kb / 3P
Adjustable Precision Shunt Regulator
MMTL431AR DIOTEC-MMTL431AR Datasheet
212Kb / 3P
Adjustable Precision Shunt Regulator
More results

Similar Description - MMTL431

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL431_102 TI-TL431_102 Datasheet
1Mb / 76P
PRECISION PROGRAMMABLE REFERENCE
logo
Weitron Technology
WT431LT1 WEITRON-WT431LT1 Datasheet
591Kb / 5P
PROGRAMMABLE PRECISION REFERENCE
logo
Unisonic Technologies
TL431L UTC-TL431L_11 Datasheet
231Kb / 6P
PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431 TI1-TL1431_12 Datasheet
812Kb / 27P
PRECISION PROGRAMMABLE REFERENCE
TL1431M TI-TL1431M_15 Datasheet
1Mb / 32P
PRECISION PROGRAMMABLE REFERENCE
TL1431-Q1 TI-TL1431-Q1_15 Datasheet
232Kb / 19P
PRECISION PROGRAMMABLE REFERENCE
logo
Unisonic Technologies
TL431H UTC-TL431H Datasheet
197Kb / 6P
PROGRAMMABLE PRECISION REFERENCE
logo
Hangzhou Youwang Electr...
UTC431 YOUWANG-UTC431 Datasheet
97Kb / 4P
PROGRAMMABLE PRECISION REFERENCE
logo
Dongguan Pingjingsemi T...
TL432 PJSEMI-TL432 Datasheet
1Mb / 4P
Programmable Precision Reference
logo
Shanghai Leiditech Elec...
LR431ATLT1G LEIDITECH-LR431ATLT1G Datasheet
831Kb / 5P
PROGRAMMABLE PRECISION REFERENCE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com