Electronic Components Datasheet Search
  English  ▼

X  

DTC114EE Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # DTC114EE
Description  Built-in bias resistors enable the configuration
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

DTC114EE Datasheet(HTML) 1 Page - Nanjing International Group Co

  DTC114EE Datasheet HTML 1Page - Nanjing International Group Co DTC114EE Datasheet HTML 2Page - Nanjing International Group Co DTC114EE Datasheet HTML 3Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Digital transistors (built-in resistors)
DTC114EM/DTC114EE/DTC114EUA
DTC114EKA /DTC114ECA /DTC114ESA
DIGITAL TRANSISTOR (NPN)
FEATURES
1.
Built-in bias resistors enable the configuration of an inverter circuit without
connecting external input resistors(see equivalent circuit)
2.
The bias resistors consist of thin-film resistors with complete isolation to allow
negative biasing of the input.They also have the advantage of almost
completely eliminating parasitic effects
3.
Only the on/off conditions need to be set for operation, making device design
easy
PIN CONNENCTIONS AND MARKING
SOT-523
SOT-323
SOT-23
TO-92S
SOT-23
SOT-23-3L
DTC114EE
DTC114EUA
DTA114ECA
DTC114ECA
DTC114EKA
DTC114ESA
Addreviated symbol: 24
Addreviated symbol: 24
Addreviated symbol: 24
Addreviated symbol: 24
Addreviated symbol: 24
SOT-
723
DTC114EM
Addreviated symbol: 24
B,Jul,2011
DONGGUAN NANJING ELECTRONICS LTD.,


Similar Part No. - DTC114EE

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC114EE ROHM-DTC114EE Datasheet
71Kb / 3P
Digital transistors (built-in resistors)
DTC114EE ROHM-DTC114EE Datasheet
90Kb / 4P
Digital transistors (built-in resistors)
logo
Weitron Technology
DTC114EE WEITRON-DTC114EE Datasheet
429Kb / 13P
Bias Resistor Transistor NPN Silicon
logo
SeCoS Halbleitertechnol...
DTC114EE SECOS-DTC114EE Datasheet
511Kb / 2P
Digital Transistors NPN (Built-in Resistors)
logo
Rohm
DTC114EE ROHM-DTC114EE Datasheet
167Kb / 4P
100mA / 50V Digital transistors (with built-in resistors)
More results

Similar Description - DTC114EE

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTA123E UTC-DTA123E Datasheet
191Kb / 3P
DIGITAL TRANSISTORS (BUILT- IN BIAS RESISTORS)
DTA144E UTC-DTA144E Datasheet
101Kb / 3P
DIGITAL TRANSISTORS (BUILT-IN BIAS RESISTORS)
DTB114E UTC-DTB114E Datasheet
100Kb / 3P
DIGITAL TRANSISTORS (BUILT-IN BIAS RESISTORS)
DTB123Y UTC-DTB123Y Datasheet
90Kb / 3P
DIGITAL TRANSISTORS (BUILT- IN BIAS RESISTORS)
DTA114T UTC-DTA114T Datasheet
160Kb / 3P
DIGITAL TRANSISTORS (BUILT- IN BIAS RESISTORS)
logo
Rohm
DTA114ESATP ROHM-DTA114ESATP Datasheet
75Kb / 4P
Built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors
DTC123TKAT146 ROHM-DTC123TKAT146 Datasheet
51Kb / 4P
Built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors
logo
Zhaoxingwei Electronics...
LTC043ZMT2L ZHAOXINGWEI-LTC043ZMT2L Datasheet
406Kb / 2P
Built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors (see equivalent circuit).
logo
Shanghai Leiditech Elec...
DTC114YM LEIDITECH-DTC114YM Datasheet
893Kb / 5P
Built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors
DTC143XCA LEIDITECH-DTC143XCA Datasheet
2Mb / 6P
Built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com