Electronic Components Datasheet Search
  English  ▼

X  

NJ4N65 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # NJ4N65
Description  4.0A 650V N-CHANNEL POWER MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

NJ4N65 Datasheet(HTML) 2 Page - Nanjing International Group Co

  NJ4N65 Datasheet HTML 1Page - Nanjing International Group Co NJ4N65 Datasheet HTML 2Page - Nanjing International Group Co NJ4N65 Datasheet HTML 3Page - Nanjing International Group Co NJ4N65 Datasheet HTML 4Page - Nanjing International Group Co NJ4N65 Datasheet HTML 5Page - Nanjing International Group Co NJ4N65 Datasheet HTML 6Page - Nanjing International Group Co NJ4N65 Datasheet HTML 7Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ABSOLUTE MAXIMUM RATINGS (TC = 25° , unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
650
V
Gate-Source Voltage
VGSS
±30
V
Avalanche Current (Note2)
IAR
4.4
A
Drain Current
Continuous
ID
4.0
A
Pulsed (Note2)
IDM
16
A
Avalanche Energy
Single Pulsed (Note3)
EAS
mJ
4N65-E
200
Repetitive (Note2)
EAR
10.6
mJ
Peak Diode Recovery dv/dt (Note4)
dv/dt
4.5
V/ns
Power Dissipation
TO-220
PD
106
W
TO-220F
36
Junction Temperature
TJ
+150
°
Operating Temperature
TOPR
-55 ~ +150
°
Storage Temperature
TSTG
-55 ~ +150
°
Note: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive Rating : Pulse width limited by maximum junction temperature
3. L = 30mH, IAS = 4A, VDD = 50V, RG = 25
, Starting TJ = 25°C
4. ISD 4.4A, di/dt 200A/ s, VDD BVDSS, Starting TJ = 25°C
THERMAL DATA
PARAMETER
PACKAGE
SYMBOL
RATINGS
UNIT
Junction to Ambient
TO-220
TO-220F
JA
62.5
° /W
Junction to Case
TO-220
Jc
1.18
° /W
TO-220F
3.47
NJ4N65 POWER MOSFET
TO-2
51
50
TO-2
52
50
TO-2
51
83
TO-2
52
83
TO-2
51
2.5
TO-2
52
2.5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com