Electronic Components Datasheet Search
  English  ▼

X  

FSM11 Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # FSM11
Description  For Surface Mount Application
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

FSM11 Datasheet(HTML) 1 Page - Nanjing International Group Co

  FSM11 Datasheet HTML 1Page - Nanjing International Group Co FSM11 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1.0 Amp Fast
Recovery Rectifier
50 to
1000 Volts
Features
Maximum Ratings
x
Operating Temperature(Tj): -65
to +150
x
Storage Temperature(TSTG): -65
to +150
x
Maximum Thermal Resistance(RthJA): 75
/W
MCC
Part Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
FSM11PL
F1
50V
35V
50V
FSM12PL
F2
100V
70V
100V
FSM13PL
F3
200V
140V
200V
FSM14PL
F4
400V
280V
400V
FSM15PL
F5
600V
420V
600V
FSM16PL
F6
800V
560V
800V
Electrical Characteristics @ 25
Unless Otherwise Specified
Average Forward
Current
IF(AV)
1.0 A
TL = 110
Peak Forward Surge
Current
IFSM
30.0A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.3V-
IFM =1.0A;
TA = 25
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5.0
PA
TA = 25
Maximum Reverse
Recovery Time
Trr
150ns
IF=0.5A, IR=1.0A,
Irr=0.25A
Typical Junction
Capacitance
CJ
15pF
Measured at
1.0MHz, VR=4.0V
*6.0mm
2
copper pads to each terminal
SOD-123FL
0.036”
0.093”
0.048”
SUGGESTED SOLDER
PAD LAYOUT
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.140
.152
3.55
3.85
B
.100
.112
2.55
2.85
C
.055
.071
1.40
1.80
D
.037
.053
0.95
1.35
E
.020
.039
0.50
1.00
G
.010
-----
0.25
-----
H
-----
.008
----
.20
100uA-----TA=55
FSM11PL-14PL
FSM15PL
FSM16PL-17PL
250ns
500ns
*
A
B
E
C
D
H
G
x
For Surface Mount Application
x
Glass Passivated Junction
x
Fast Recovery Time For High Efficiency
x
Case Material : Molded Palstic. UL Flammability
Classification Rating 94V-0 and MSL rating 1
x
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Note:
1. High Temperature Solder Exemptions Applied, see EU Directive Annex 7.
FSM17PL
F7
1000V
700V
1000V
FSM11PL
FSM17 PL
1.0 Amp Fast
1.0 Amp Fast
THRU
7 PL
Recovery Rectifier


Similar Part No. - FSM11

ManufacturerPart #DatasheetDescription
logo
Mersen
FSM11 MERSEN-FSM11 Datasheet
106Kb / 1P
Multi-Meter Fuse
logo
Tyco Electronics
FSM11J MACOM-FSM11J Datasheet
292Kb / 8P
Tactile Switches, .138 [3.5] x .236 [6], Through Hole
FSM11J MACOM-FSM11J Datasheet
292Kb / 8P
Tactile Switches, .138 [3.5] x .236 [6], Through Hole
FSM11JA MACOM-FSM11JA Datasheet
292Kb / 8P
Tactile Switches, .138 [3.5] x .236 [6], Through Hole
FSM11JA MACOM-FSM11JA Datasheet
292Kb / 8P
Tactile Switches, .138 [3.5] x .236 [6], Through Hole
More results

Similar Description - FSM11

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PTC-NTC MURATA-PTC-NTC Datasheet
265Kb / 10P
for Surface Mounting Application
logo
Schurter Inc.
MGA-S SCHURTER-MGA-S Datasheet
370Kb / 3P
Surface Mount Fuse for Space Application, ESCC QPL Listed
logo
Tyco Electronics
2-100860-1 MACOM-2-100860-1 Datasheet
274Kb / 4P
WODULAR JACK, 6 POSITION BOTTOM ENTRY FOR SURFACE MOUNT APPLICATION
logo
Leshan Radio Company
LBZT52C2V4T1G LRC-LBZT52C2V4T1G Datasheet
639Kb / 3P
Ideal for Surface Mountted Application
logo
Schurter Inc.
MGA-S SCHURTER-MGA-S_15 Datasheet
260Kb / 4P
Surface Mount Fuse for Space Application, ESCC QPL Listed
logo
United Monolithic Semic...
AN0024 UMS-AN0024 Datasheet
832Kb / 14P
Application Note for Surface Mount Hermetic Package
logo
Sangdest Microelectroni...
FTB6F-15FP SMC-FTB6F-15FP Datasheet
155Kb / 4P
Designed for Surface Mount Application
MB05F SMC-MB05F Datasheet
158Kb / 4P
Designed for surface mount application
logo
Leshan Radio Company
LBZT52MB3V6T1G LRC-LBZT52MB3V6T1G Datasheet
324Kb / 4P
Ideal for Surface Mountted Application
logo
First Silicon Co., Ltd
RS1A FS-RS1A Datasheet
347Kb / 2P
For surface mounted application
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com