Electronic Components Datasheet Search
  English  ▼

X  

9014 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # 9014
Description  NPN Silicon Epitaxial Planar Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

9014 Datasheet(HTML) 2 Page - Nanjing International Group Co

  9014 Datasheet HTML 1Page - Nanjing International Group Co 9014 Datasheet HTML 2Page - Nanjing International Group Co 9014 Datasheet HTML 3Page - Nanjing International Group Co 9014 Datasheet HTML 4Page - Nanjing International Group Co 9014 Datasheet HTML 5Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
9014
Characteristics at Tamb=25
OC
Symbol
Min.
Typ.
Max.
Unit
DC Current Gain
at VCE=5V, IC=1mA
Current Gain Group A
B
C
D
hFE
hFE
hFE
hFE
60
100
200
400
-
-
-
-
150
300
600
1000
-
-
-
-
Collector Base Breakdown Voltage
at IC=100μA
V(BR)CBO
50
-
-
V
Collector Emitter Breakdown Voltage
at IC=1mA
V(BR)CEO
45
-
-
V
Emitter Base Breakdown Voltage
at IE=100μA
V(BR)EBO
5
-
-
V
Collector Cutoff Current
at VCB=50V
ICBO
-
-
50
nA
Emitter Cutoff Current
at VEB=5V
IEBO
-
-
50
nA
Collector Saturation Voltage
at IC=100mA,IB=5mA
VCE(sat)
-
200
600
mV
Base Saturation Voltage
at IC=100mA,IB=5mA
VBE(sat)
-
900
-
mV
Gain Bandwidth Product
at VCE=5V,IC=10mA
fT
-
300
-
MHz
Output Capacitance
at VCB=10V,f=1MHz
COB
-
3.5
6
Pf
Noise Figure
at VCE=5V,IC=200μA
at f=1KHz,RG=2KΩ
NF
-
2
10
dB



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com