Electronic Components Datasheet Search
  English  ▼

X  

P4SMA Datasheet(PDF) 3 Page - Nanjing International Group Co

Part # P4SMA
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

P4SMA Datasheet(HTML) 3 Page - Nanjing International Group Co

  P4SMA Datasheet HTML 1Page - Nanjing International Group Co P4SMA Datasheet HTML 2Page - Nanjing International Group Co P4SMA Datasheet HTML 3Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Type Number
Marking
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
(Uni)
(Bi)
(Uni)
(Bi)
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
P4SMA120
P4SMA120C
120
120C
97.2
108
132
1.0
173
2.4
5.0
P4SMA120A P4SMA120CA
120A
120CA
102
114
126
1.0
165
2.5
5.0
P4SMA130
P4SMA130C
130
130C
105
117
143
1.0
187
2.2
5.0
P4SMA130A P4SMA130CA
130A
130CA
111
124
137
1.0
179
2.3
5.0
P4SMA150
P4SMA150C
150
150C
121
135
165
1.0
215
2.0
5.0
P4SMA150A P4SMA150CA
150A
150CA
128
143
158
1.0
207
2.0
5.0
P4SMA160
P4SMA160C
160
160C
130
144
176
1.0
230
1.8
5.0
P4SMA160A P4SMA160CA
160A
160CA
136
152
168
1.0
219
1.9
5.0
P4SMA170
P4SMA170C
170
170C
138
153
187
1.0
244
1.7
5.0
P4SMA170A P4SMA170CA
170A
170CA
145
162
179
1.0
234
1.8
5.0
P4SMA180
P4SMA180C
180
180C
146
162
198
1.0
258
1.6
5.0
P4SMA180A P4SMA180CA
180A
180CA
154
171
189
1.0
246
1.7
5.0
P4SMA200
P4SMA200C
200
200C
162
180
220
1.0
287
1.5
5.0
P4SMA200A P4SMA200CA
200A
200CA
171
190
210
1.0
274
1.53
5.0
P4SMA220
P4SMA220C
220
220C
175
198
242
1.0
344
1.16
5.0
P4SMA220A P4SMA220CA
220A
220CA
185
209
231
1.0
328
1.22
5.0
P4SMA250
P4SMA250C
250
250C
202
225
275
1.0
360
1.1
5.0
P4SMA250A P4SMA250CA
250A
250CA
214
237
263
1.0
344
1.16
5.0
P4SMA300
P4SMA300C
300
300C
243
270
330
1.0
430
0.93
5.0
P4SMA300A P4SMA300CA
300A
300CA
256
285
315
1.0
414
0.97
5.0
P4SMA350
P4SMA350C
350
350C
284
315
385
1.0
504
0.79
5.0
P4SMA350A P4SMA350CA
350A
350CA
300
333
368
1.0
482
0.83
5.0
P4SMA400
P4SMA400C
400
400C
324
360
440
1.0
574
0.70
5.0
P4SMA400A P4SMA400CA
400A
400CA
342
380
420
1.0
548
0.73
5.0
P4SMA440
P4SMA440C
440
440C
356
396
484
1.0
631
0.63
5.0
P4SMA440A P4SMA440CA
440A
440CA
376
418
462
1.0
602
0.65
5.0
※ For Bi-directional type having VRWM of 10 Volts and less, the IR limit is double
P4SMA
SERIES



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com