Electronic Components Datasheet Search
  English  ▼

X  

PXT8050 Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # PXT8050
Description  SOT-89-3L Plastic-Encapsulate Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

PXT8050 Datasheet(HTML) 1 Page - Nanjing International Group Co

  PXT8050 Datasheet HTML 1Page - Nanjing International Group Co PXT8050 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PXT8050
TRANSISTOR (NPN)
FEATURES
Compliment to PXT8550
MARKING: Y1
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
40
V
VCEO
Collector-Emitter Voltage
25
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current -Continuous
1.5
A
PC
Collector Power dissipation
0.5
W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature
-55
~150
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=100uA, IE=0
40
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=0.1mA, IB=0
25
V
Emitter-base breakdown voltage
V(BR)EBO
IE=100μA, IC=0
5
V
Collector cut-off current
ICBO
VCB=40V, IE=0
0.1
μA
Emitter cut-off current
ICEO
VCE=20V, IE=0
0.1
μA
Emitter cut-off current
IEBO
VEB=5V, IC=0
0.1
μA
hFE(1)
VCE=1V, IC=100mA
85
400
DC current gain
hFE(2)
VCE=1V, IC=800mA
40
Collector-emitter saturation voltage
VCE(sat)
IC=800mA, IB=80mA
0.5
V
Base-emitter saturation voltage
VBE(sat)
IC=800mA, IB=80mA
1.2
V
Base-emitter voltage
VBE
VCE=1V, IC=10mA
1
V
Base-emitter positive favor voltage
VBEF
IB=1A
1.55
V
Transition frequency
fT
VCE=10V,IC=50mA,f=30MHz
100
MHz
output capacitance
Cob
VCB=10V,IE=0,f=1MHz
15
pF
CLASSIFICATION OF hFE(1)
Rank
B
C
D
D3
Range
85-160
120-200
160-300
300-400
SOT-89-3L
1. BASE
2. COLLECTOR
3. EMITTER
℃
B,Nov,2012
SOT-89-3L Plastic-Encapsulate Transistors
DONGGUAN NANJING ELECTRONICS LTD.,


Similar Part No. - PXT8050

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
PXT8050 HTSEMI-PXT8050 Datasheet
476Kb / 2P
TRANSISTOR(NPN)
logo
MAKO SEMICONDUCTOR CO.,...
PXT8050 MAKOSEMI-PXT8050 Datasheet
99Kb / 2P
Complimentary to PXT8550
logo
GUANGDONG HOTTECH INDUS...
PXT8050 HOTTECH-PXT8050 Datasheet
206Kb / 2P
Plastic-Encapsulate Transistors
logo
Galaxy Semi-Conductor H...
PXT8050 BILIN-PXT8050 Datasheet
472Kb / 4P
PLASTIC-ENCAPSULATE TRANSISTORS
logo
Jiangsu Changjiang Elec...
PXT8050 JIANGSU-PXT8050 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
More results

Similar Description - PXT8050

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
2SC4375 DGNJDZ-2SC4375 Datasheet
228Kb / 1P
SOT-89-3L Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SB1386 JIANGSU-2SB1386 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
2SB1424 JIANGSU-2SB1424 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
2SC2881 JIANGSU-2SC2881 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
logo
Nanjing International G...
STC4350 DGNJDZ-STC4350 Datasheet
1Mb / 6P
SOT-89-3L Plastic-Encapsulate Transistors
NJ13001 DGNJDZ-NJ13001 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
2SB1386 DGNJDZ-2SB1386_V01 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
2SD965 DGNJDZ-2SD965_V01 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
D882 DGNJDZ-D882_V01 Datasheet
541Kb / 2P
SOT-89-3L Plastic-Encapsulate Transistors
PXT2222A DGNJDZ-PXT2222A_V01 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com