Electronic Components Datasheet Search
  English  ▼

X  

P6SMB10 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # P6SMB10
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

P6SMB10 Datasheet(HTML) 2 Page - Nanjing International Group Co

  P6SMB10 Datasheet HTML 1Page - Nanjing International Group Co P6SMB10 Datasheet HTML 2Page - Nanjing International Group Co P6SMB10 Datasheet HTML 3Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Type Number
Marking
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
(Uni)
(Bi)
(Uni)
(Bi)
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
P6SMB22
P6SMB22C
22
22C
17.8
19.8
24.2
1.0
31.9
18.8
5.0
P6SMB22A
P6SMB22CA
22A
22CA
18.8
20.9
23.1
1.0
30.6
19.6
5.0
P6SMB24
P6SMB24C
24
24C
19.4
21.6
26.4
1.0
34.7
17.3
5.0
P6SMB24A
P6SMB24CA
24A
24CA
20.5
22.8
25.2
1.0
33.2
18.1
5.0
P6SMB27
P6SMB27C
27
27C
21.8
24.3
29.7
1.0
39.1
15.3
5.0
P6SMB27A
P6SMB27CA
27A
27CA
23.1
25.7
28.4
1.0
37.5
16.0
5.0
P6SMB30
P6SMB30C
30
30C
24.3
27.0
33.0
1.0
43.5
13.8
5.0
P6SMB30A
P6SMB30CA
30A
30CA
25.6
28.5
31.5
1.0
41.4
14.5
5.0
P6SMB33
P6SMB33C
33
33C
26.8
29.7
36.3
1.0
47.7
12.6
5.0
P6SMB33A
P6SMB33CA
33A
33CA
28.2
31.4
34.7
1.0
45.7
13.1
5.0
P6SMB36
P6SMB36C
36
36C
29.1
32.4
39.6
1.0
52.0
11.5
5.0
P6SMB36A
P6SMB36CA
36A
36CA
30.8
34.2
37.8
1.0
49.9
12.0
5.0
P6SMB39
P6SMB39C
39
39C
31.6
35.1
42.9
1.0
56.4
10.6
5.0
P6SMB39A
P6SMB39CA
39A
39CA
33.3
37.1
41.0
1.0
53.9
11.1
5.0
P6SMB43
P6SMB43C
43
43C
34.8
38.7
47.3
1.0
61.9
9.7
5.0
P6SMB43A
P6SMB43CA
43A
43CA
36.8
40.9
45.2
1.0
59.3
10.1
5.0
P6SMB47
P6SMB47C
47
47C
38.1
42.3
51.7
1.0
67.8
8.8
5.0
P6SMB47A
P6SMB47CA
47A
47CA
40.2
44.7
49.4
1.0
64.8
9.3
5.0
P6SMB51
P6SMB51C
51
51C
41.3
45.9
56.1
1.0
73.5
8.2
5.0
P6SMB51A
P6SMB51CA
51A
51CA
43.6
48.5
53.6
1.0
70.1
8.6
5.0
P6SMB56
P6SMB56C
56
56C
45.4
50.4
61.6
1.0
80.5
7.5
5.0
P6SMB56A
P6SMB56CA
56A
56CA
47.8
53.2
58.8
1.0
77.0
7.8
5.0
P6SMB62
P6SMB62C
62
62C
50.2
55.8
68.2
1.0
89.0
6.7
5.0
P6SMB62A
P6SMB62CA
62A
62CA
53.0
58.9
65.1
1.0
85.0
7.1
5.0
P6SMB68
P6SMB68C
68
68C
55.1
61.2
74.8
1.0
98.0
6.1
5.0
P6SMB68A
P6SMB68CA
68A
68CA
58.1
64.6
71.4
1.0
92.0
6.5
5.0
P6SMB75
P6SMB75C
75
75C
60.7
67.5
82.5
1.0
108
5.6
5.0
P6SMB75A
P6SMB75CA
75A
75CA
64.1
71.3
78.8
1.0
103
5.8
5.0
P6SMB82
P6SMB82C
82
82C
66.4
73.8
90.2
1.0
118
5.1
5.0
P6SMB82A
P6SMB82CA
82A
82CA
70.1
77.9
86.1
1.0
113
5.3
5.0
P6SMB91
P6SMB91C
91
91C
73.7
81.9
100
1.0
131
4.6
5.0
P6SMB91A
P6SMB91CA
91A
91CA
77.8
86.5
95.5
1.0
125
4.8
5.0
P6SMB100
P6SMB100C
100
100C
81.0
90.0
110
1.0
144
4.2
5.0
P6SMB100A P6SMB100CA
100A
100CA
85.5
95.0
105
1.0
137
4.4
5.0
P6SMB110
P6SMB110C
110
110C
89.2
99.0
121
1.0
158
3.8
5.0
P6SMB110A P6SMB110CA
110A
110CA
94.0
105
116
1.0
152
3.9
5.0
※ For Bi-directional type having VRWM of 10 Volts and less, the IR limit is double
P6SMB
SERIES



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com