Electronic Components Datasheet Search
  English  ▼

X  

9842 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 9842
Description  24 AWG stranded (7x32) TC conductors, polyethylene insulation, twisted pairs, overall Beldfoil
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9842 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  9842 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9842 Datasheet HTML 2Page - List of Unclassifed Manufacturers 9842 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
EU Directive 2002/95/EC (RoHS):
Yes
EU RoHS Compliance Date (mm/dd/yyyy):
01/01/2004
EU Directive 2002/96/EC (WEEE):
Yes
EU Directive 2003/11/EC (BFR):
Yes
CA Prop 65 (CJ for Wire & Cable):
Yes
MII Order #39 (China RoHS):
Yes
Plenum/Non-Plenum
Plenum (Y/N):
No
Plenum Number:
82842
Electrical Characteristics (Overall)
Nom. Characteristic Impedance:
Impedance (Ohm)
120
Nom. Capacitance Conductor to Conductor:
Capacitance (pF/ft)
12.8
Nom. Capacitance Cond. to Other Conductor & Shield:
Capacitance (pF/ft)
23
Nominal Velocity of Propagation:
VP (%)
66
Nominal Delay:
Delay (ns/ft)
1.540
Nom. Conductor DC Resistance:
DCR @ 20°C (Ohm/1000 ft)
24
Nominal Outer Shield DC Resistance:
DCR @ 20°C (Ohm/1000 ft)
2.2
Nom. Attenuation:
Attenuation (dB/100 ft.) Attenuation (MHz)
0.600
1
Max. Operating Voltage - UL:
Voltage
300 V RMS
Max. Recommended Current:
Current
2.1 Amps per conductor @ 25°C
Put Ups and Colors:
Item #
Putup
Ship Weight
Color
Notes
Item Desc
9842 060100
100 FT
5.800 LB
CHROME
2 PR #24 PE SH PVC
9842 0601000
1,000 FT
57.000 LB
CHROME
C
2 PR #24 PE SH PVC
9842 06010000
10,000 FT
560.000 LB
CHROME
2 PR #24 PE SH PVC
9842 060500
500 FT
29.500 LB
CHROME
C
2 PR #24 PE SH PVC
9842 0605000
5,000 FT
270.000 LB
CHROME
2 PR #24 PE SH PVC
Notes:
C = CRATE REEL PUT-UP.
Revision Number: 4
Revision Date: 08-15-2012
© 2016 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described herein are subject to error or omission and to
change without notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "AS IS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for
any damages (including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether
in an action under contract, negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with EU RoHS (Directive 2002/95/EC, 27-Jan-2003). Material manufactured prior to the compliance date may be in stock at Belden facilities
and in our Distributor’s inventory. The information provided in this Product Disclosure, and the identification of materials listed as reportable or restricted within the Product Disclosure, is
correct to the best of Belden’s knowledge, information, and belief at the date of its publication. The information provided in this Product Disclosure is designed only as a general guide for the
Page 2 of 3
05-02-2016
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
9842 Multi-Conductor - Low Capacitance Computer Cable for EIA RS-485 Applications



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com